Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VB408FI Datasheet(PDF) 5 Page - STMicroelectronics

Part # VB408FI
Description  HIGH VOLTAGE LINEAR REGULATOR POWER I.C.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB408FI Datasheet(HTML) 5 Page - STMicroelectronics

  VB408FI Datasheet HTML 1Page - STMicroelectronics VB408FI Datasheet HTML 2Page - STMicroelectronics VB408FI Datasheet HTML 3Page - STMicroelectronics VB408FI Datasheet HTML 4Page - STMicroelectronics VB408FI Datasheet HTML 5Page - STMicroelectronics VB408FI Datasheet HTML 6Page - STMicroelectronics VB408FI Datasheet HTML 7Page - STMicroelectronics VB408FI Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VB408 / VB408B / VB408FI
5/8
1
1
1
1
1
1
1
1
TO-220 MECHANICAL DATA
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
D1
1.27
0.050
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.067
F2
1.14
1.70
0.044
0.067
G
4.95
5.15
0.194
0.203
H2
10.0
10.40
0.393
0.409
L2
16.4
0.645
L4
13.0
14.0
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.2
6.6
0.244
0.260
L9
3.5
3.93
0.137
0.154
DIA.
3.75
3.85
0.147
0.151


Similar Part No. - VB408FI

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
VB40 NJSEMI-VB40 Datasheet
102Kb / 1P
   These rectifiers offer high voltage ranges in minimum-sized
logo
Extech Instruments Corp...
VB400 EXTECH-VB400 Datasheet
500Kb / 1P
   Pen Vibration Meter
logo
Vishay Siliconix
VB40100C VISHAY-VB40100C Datasheet
167Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.38 V at IF = 5 A
Revision: 26-May-08
VB40100C VISHAY-VB40100C Datasheet
102Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
01-Jan-2022
VB40100C-E3 VISHAY-VB40100C-E3 Datasheet
160Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier
Revision: 14-Nov-14
More results

Similar Description - VB408FI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VB409 STMICROELECTRONICS-VB409 Datasheet
68Kb / 9P
   HIGH VOLTAGE REGULATOR POWER I.C.
VB029 STMICROELECTRONICS-VB029 Datasheet
88Kb / 10P
   HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
VB326 STMICROELECTRONICS-VB326 Datasheet
193Kb / 9P
   HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C
logo
Aimtron Technology
AT1202 AIMTRON-AT1202 Datasheet
423Kb / 7P
   High Voltage Linear Regulator
logo
STMicroelectronics
VB027 STMICROELECTRONICS-VB027 Datasheet
74Kb / 9P
   HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
VB027SP STMICROELECTRONICS-VB027SP Datasheet
60Kb / 7P
   HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
VB927T STMICROELECTRONICS-VB927T Datasheet
40Kb / 5P
   HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
VB325SP-E STMICROELECTRONICS-VB325SP-E Datasheet
226Kb / 9P
   HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
VB027BSP STMICROELECTRONICS-VB027BSP Datasheet
62Kb / 7P
   HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
VB921ZVFI STMICROELECTRONICS-VB921ZVFI Datasheet
179Kb / 7P
   HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com