Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VB408B Datasheet(PDF) 7 Page - STMicroelectronics

Part # VB408B
Description  HIGH VOLTAGE LINEAR REGULATOR POWER I.C.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB408B Datasheet(HTML) 7 Page - STMicroelectronics

  VB408B Datasheet HTML 1Page - STMicroelectronics VB408B Datasheet HTML 2Page - STMicroelectronics VB408B Datasheet HTML 3Page - STMicroelectronics VB408B Datasheet HTML 4Page - STMicroelectronics VB408B Datasheet HTML 5Page - STMicroelectronics VB408B Datasheet HTML 6Page - STMicroelectronics VB408B Datasheet HTML 7Page - STMicroelectronics VB408B Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7/8
VB408 / VB408B / VB408FI
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.30
4.60
0.169
0.181
A1
2.49
2.69
0.098
0.106
B
0.70
0.93
0.027
0.036
B2
1.25
1.4
0.049
0.055
C
0.45
0.6
0.017
0.023
C2
1.21
1.36
0.047
0.053
D
8.95
9.35
0.352
0.368
E
10
10.28
0.393
0.404
G
4.88
5.28
0.192
0.208
L
15
15.85
0.590
0.625
L2
1.27
1.4
0.050
0.055
L3
1.4
1.75
0.055
0.068
L2
L3
L
B2
B
G
E
A
C2
D
C
A1
DETAIL ”A”
DETAIL ”A”
D2PAK MECHANICAL DATA


Similar Part No. - VB408B

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
VB40 NJSEMI-VB40 Datasheet
102Kb / 1P
   These rectifiers offer high voltage ranges in minimum-sized
logo
Extech Instruments Corp...
VB400 EXTECH-VB400 Datasheet
500Kb / 1P
   Pen Vibration Meter
logo
Vishay Siliconix
VB40100C VISHAY-VB40100C Datasheet
167Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.38 V at IF = 5 A
Revision: 26-May-08
VB40100C VISHAY-VB40100C Datasheet
102Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
01-Jan-2022
VB40100C-E3 VISHAY-VB40100C-E3 Datasheet
160Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier
Revision: 14-Nov-14
More results

Similar Description - VB408B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VB409 STMICROELECTRONICS-VB409 Datasheet
68Kb / 9P
   HIGH VOLTAGE REGULATOR POWER I.C.
VB029 STMICROELECTRONICS-VB029 Datasheet
88Kb / 10P
   HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
VB326 STMICROELECTRONICS-VB326 Datasheet
193Kb / 9P
   HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C
logo
Aimtron Technology
AT1202 AIMTRON-AT1202 Datasheet
423Kb / 7P
   High Voltage Linear Regulator
logo
STMicroelectronics
VB027 STMICROELECTRONICS-VB027 Datasheet
74Kb / 9P
   HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
VB027SP STMICROELECTRONICS-VB027SP Datasheet
60Kb / 7P
   HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
VB927T STMICROELECTRONICS-VB927T Datasheet
40Kb / 5P
   HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
VB325SP-E STMICROELECTRONICS-VB325SP-E Datasheet
226Kb / 9P
   HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
VB027BSP STMICROELECTRONICS-VB027BSP Datasheet
62Kb / 7P
   HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
VB921ZVFI STMICROELECTRONICS-VB921ZVFI Datasheet
179Kb / 7P
   HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com