Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3064 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP3064
Description  1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3064 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP3064 Datasheet HTML 1Page - ON Semiconductor NCP3064 Datasheet HTML 2Page - ON Semiconductor NCP3064 Datasheet HTML 3Page - ON Semiconductor NCP3064 Datasheet HTML 4Page - ON Semiconductor NCP3064 Datasheet HTML 5Page - ON Semiconductor NCP3064 Datasheet HTML 6Page - ON Semiconductor NCP3064 Datasheet HTML 7Page - ON Semiconductor NCP3064 Datasheet HTML 8Page - ON Semiconductor NCP3064 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
NCP3064, NCP3064B, NCV3064
http://onsemi.com
3
MAXIMUM RATINGS (measured vs. Pin 4, unless otherwise noted)
RATING
SYMBOL
VALUE
UNIT
VCC (Pin 6)
VCC
−0.3 to 42
V
Comparator Inverting Input (Pin 5)
VCII
−0.3 to VCC
V
Darlington Switch Emitter (Pin 2) (Transistor OFF)
VSWE
−0.6 to VCC
V
Darlington Switch Collector (Pin 1)
VSWC
−0.3 to 42
V
Darlington Switch Collector to Emitter (Pins 1 and 2)
VSWCE
−0.3 to 42
V
Darlington Switch Peak Current
ISW
1.5
A
Ipk Sense Voltage (Pin 7)
VIPK
−0.3 to (VCC + 0.3 V)
V
Timing Capacitor Pin Voltage (Pin 3)
VTC
−0.2 to +1.4
V
Moisture Sensitivity Level
MSL
1
Lead Temperature Soldering
Reflow (SMD Styles Only), Pb−Free Versions
TSLD
260
°C
ON/OFF Pin Voltage
VON/OFF
(−0.3 to 25) < VCC
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
THERMAL CHARACTERISTIC
Rating
Symbol
Value
Unit
PDIP−8 (Note 5) Thermal Resistance Junction−to−Air
RqJA
100
°C/W
SOIC−8 (Note 5) Thermal Resistance Junction−to−Air
RqJA
180
°C/W
DFN−8 (Note 5)
Thermal Resistance Junction−to−Air
Thermal Resistance Junction−to−Case
RqJA
RqJA
78
14
°C/W
Storage temperature range
TSTG
−65 to +150
°C
Maximum junction temperature
TJ MAX
+150
°C
Operation Junction Temperature Range (Note 3)
NCP3064
NCP3064B, NCV3064
TJ
0 to +70
−40 to +125
°C
1. This device series contains ESD protection and exceeds the following tests:
Pins 1 through 8:
Human Body Model 2000 V per AEC Q100−002; 003 or JESD22/A114; A115
Machine Model Method 200 V
2. This device contains latch−up protection and exceeds 100 mA per JEDEC Standard JESD78.
3. The relation between junction temperature, ambient temperature and Total Power dissipated in IC is TJ = TA + RQ @ PD.
4. The pins which are not defined may not be loaded by external signals.
5. 1 oz copper, 1 in2 copper area.


Similar Part No. - NCP3064

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3064 ONSEMI-NCP3064 Datasheet
1Mb / 20P
   1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
November, 2008 ??Rev. 4
NCP3064BDR2G ONSEMI-NCP3064BDR2G Datasheet
1Mb / 20P
   1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
November, 2008 ??Rev. 4
NCP3064BMNTXG ONSEMI-NCP3064BMNTXG Datasheet
1Mb / 20P
   1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
November, 2008 ??Rev. 4
NCP3064BPG ONSEMI-NCP3064BPG Datasheet
1Mb / 20P
   1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
November, 2008 ??Rev. 4
NCP3064DR2G ONSEMI-NCP3064DR2G Datasheet
1Mb / 20P
   1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
November, 2008 ??Rev. 4
More results

Similar Description - NCP3064

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV3064 ONSEMI-NCV3064 Datasheet
1Mb / 20P
   1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
November, 2008 ??Rev. 4
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063A ONSEMI-MC34063A_16 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCP3063MNTXG ONSEMI-NCP3063MNTXG Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
logo
STMicroelectronics
ST1S03A STMICROELECTRONICS-ST1S03A_08 Datasheet
276Kb / 14P
   1.5 A, 1.5 MHz adjustable, with inhibit function step-down switching regulator
logo
ON Semiconductor
NCP3066 ONSEMI-NCP3066 Datasheet
1Mb / 20P
   Up to 1.5 A Constant Current Switching Regulator for LEDs with ON/OFF Function
January, 2009 ??Rev. 3
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983_08 Datasheet
966Kb / 37P
   1.5 A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com