Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3064DR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP3064DR2G
Description  1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3064DR2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP3064DR2G Datasheet HTML 1Page - ON Semiconductor NCP3064DR2G Datasheet HTML 2Page - ON Semiconductor NCP3064DR2G Datasheet HTML 3Page - ON Semiconductor NCP3064DR2G Datasheet HTML 4Page - ON Semiconductor NCP3064DR2G Datasheet HTML 5Page - ON Semiconductor NCP3064DR2G Datasheet HTML 6Page - ON Semiconductor NCP3064DR2G Datasheet HTML 7Page - ON Semiconductor NCP3064DR2G Datasheet HTML 8Page - ON Semiconductor NCP3064DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
NCP3064, NCP3064B, NCV3064
http://onsemi.com
5
0
50
100
150
200
250
300
350
0 1 2 3 4 5 6 7 8 9 1011 12131415161718192021
Figure 5. Oscilator Frequency vs. Timing
Capacitor CT
CT, CAPACITANCE (nF)
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
ICE = 0.25 A
0.5 A
0.75 A
1 A
1.25 A
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Oscillator Frequency vs. Supply
Voltage
VCC, SUPPLY VOLTAGE (V)
Figure 7. Emitter Follower Configuration Output
Darlington Switch Voltage Drop vs. Temperature
ICE = 0.25 A
0.5 A
0.75 A
1 A
1.25 A
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
−40 −20
0
20
40
60
80
100 120 140
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
−40 −20
0
20
40
60
80
100 120 140
1.19
1.21
1.23
1.25
1.27
1.29
−40 −20
0
20
40
60
80
100 120 140
TJ, JUNCTION TEMPERATURE (°C)
Figure 8. Common Emmitter Configuration Outp
Darlington Switch Voltage Drop vs. Temperatur
Figure 9. Comparator Threshold Voltage vs.
Temperature
Figure 10. ON/OFF Comparator Threshold
Voltage vs. Temperature
1
1.1
1.2
1.3
1.4
1.5
1.6
−40 −20
0
20
40
60
80
100 120 140
120
125
130
135
140
145
150
0
5
10
15
20
25
30
35
40
CT = 2.2 nF
TJ = 25°C


Similar Part No. - NCP3064DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3064DR2G ONSEMI-NCP3064DR2G Datasheet
1Mb / 20P
   1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
November, 2008 ??Rev. 4
More results

Similar Description - NCP3064DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV3064 ONSEMI-NCV3064 Datasheet
1Mb / 20P
   1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
November, 2008 ??Rev. 4
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063A ONSEMI-MC34063A_16 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCP3063MNTXG ONSEMI-NCP3063MNTXG Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
logo
STMicroelectronics
ST1S03A STMICROELECTRONICS-ST1S03A_08 Datasheet
276Kb / 14P
   1.5 A, 1.5 MHz adjustable, with inhibit function step-down switching regulator
logo
ON Semiconductor
NCP3066 ONSEMI-NCP3066 Datasheet
1Mb / 20P
   Up to 1.5 A Constant Current Switching Regulator for LEDs with ON/OFF Function
January, 2009 ??Rev. 3
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983_08 Datasheet
966Kb / 37P
   1.5 A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com