Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3064PG Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP3064PG
Description  1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3064PG Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP3064PG Datasheet HTML 7Page - ON Semiconductor NCP3064PG Datasheet HTML 8Page - ON Semiconductor NCP3064PG Datasheet HTML 9Page - ON Semiconductor NCP3064PG Datasheet HTML 10Page - ON Semiconductor NCP3064PG Datasheet HTML 11Page - ON Semiconductor NCP3064PG Datasheet HTML 12Page - ON Semiconductor NCP3064PG Datasheet HTML 13Page - ON Semiconductor NCP3064PG Datasheet HTML 14Page - ON Semiconductor NCP3064PG Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
NCP3064, NCP3064B, NCV3064
http://onsemi.com
11
Figure 17. Buck Demoboard Layout
Figure 18. Buck Demoboard Photo
Figure 19. Efficiency vs. Output Current for
Buck Demoboard
OUTPUT CURRENT (A)
Vin = 10 V
Vin = 16 V
50
55
60
65
70
75
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
Table 3. TEST RESULTS
Line Regulation
Vin = 9 V to 12 V, Vout = 3.3 V, Iout = 800 mA
8 mV
Load Regulation
Vin = 12 V, Vout = 3.3 V, Iout = 800 mA
10 mV
Output Ripple
Vin = 12 V, Vout = 3.3 V, Iout = 100 mA to 800 mA
< 85 mV Peak - Peak
Efficiency
Vin = 12 V, Vout = 3.3 V, Iout = 500 mA
70%


Similar Part No. - NCP3064PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3064PG ONSEMI-NCP3064PG Datasheet
1Mb / 20P
   1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
November, 2008 ??Rev. 4
More results

Similar Description - NCP3064PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3064 ONSEMI-NCP3064 Datasheet
1Mb / 20P
   1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
November, 2008 ??Rev. 4
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063A ONSEMI-MC34063A_16 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCP3063MNTXG ONSEMI-NCP3063MNTXG Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
logo
STMicroelectronics
ST1S03A STMICROELECTRONICS-ST1S03A_08 Datasheet
276Kb / 14P
   1.5 A, 1.5 MHz adjustable, with inhibit function step-down switching regulator
logo
ON Semiconductor
NCP3066 ONSEMI-NCP3066 Datasheet
1Mb / 20P
   Up to 1.5 A Constant Current Switching Regulator for LEDs with ON/OFF Function
January, 2009 ??Rev. 3
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983_08 Datasheet
966Kb / 37P
   1.5 A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com