Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD09 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD09
Description  9-CHANNEL RS-422 / RS-485 TRANSCEIVER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD09 Datasheet(HTML) 2 Page - Texas Instruments

  SN65HVD09 Datasheet HTML 1Page - Texas Instruments SN65HVD09 Datasheet HTML 2Page - Texas Instruments SN65HVD09 Datasheet HTML 3Page - Texas Instruments SN65HVD09 Datasheet HTML 4Page - Texas Instruments SN65HVD09 Datasheet HTML 5Page - Texas Instruments SN65HVD09 Datasheet HTML 6Page - Texas Instruments SN65HVD09 Datasheet HTML 7Page - Texas Instruments SN65HVD09 Datasheet HTML 8Page - Texas Instruments SN65HVD09 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
SN65HVD09
SLLS941 – DECEMBER 2008............................................................................................................................................................................................ www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PIN FUNCTIONS
PIN
LOGIC
I/O
TERMINATION
DESCRIPTION
LEVEL
NAME
NO.
4,6,8,10,
1A to 9A
19,21,23,
TTL
I/O
Pullup
1A to 9A carry data to and from the communication controller.
25,27
29,31,33,
35,37,.46
1B– to 9B–
RS-485
I/O
Pulldown
1B– to 9B– are the inverted data signals of the balanced pair to/from the bus.
,
48,50,52
30,32,34,
1B+ to 9B+
36,38,47,
RS-485
I/O
Pullup
1B+ to 9B+ are the noninverted data signals of the balanced pair to/from the bus.
49,51,53
BSR is the bit significant response. BSR disables receivers 1 through 8 and enables
BSR
2
TTL
Input
Pullup
wired-OR drivers when BSR and DE/RE and CDE1 or CDE2 are high. Channel 9 is
placed in a high-impedance state with BSR high.
CDE0 is the common driver enable 0. Its input signal enables all drivers when CDE0 and
CDE0
54
TTL
Input
Pulldown
1DE/RE – 9DE/RE are high.
CDE1 is the common driver enable 1. Its input signal enables drivers 1 to 4 when CDE1 is
CDE1
55
TTL
Input
Pulldown
high and BSR is low.
CDE2 is the common driver enable 2. When CDE2 is high and BSR is low, drivers 5 to 8
CDE2
56
TTL
Input
Pulldown
are enabled.
CRE
3
TTL
Input
Pullup
CRE is the common receiver enable. When high, CRE disables receiver channels 5 to 9.
5,7,9,11,
1DE/RE–9DE/RE are direction controls that transmit data to the bus when it and CDE0
1DE/RE to
20,22,24,
TTL
Input
Pullup
are high. Data is received from the bus when 1DE/RE–9DE/RE and CRE and BSR are
9DE/RE
26,28
low and CDE1 and CDE2 are low.
1,13,14,
15,16,17,
GND is the circuit ground. All GND terminals except terminal 1 are physically tied to the
GND
NA
Power
NA
40,41,42,
die pad for improved thermal conductivity.(1)
43,44
12,18,39,
VCC
NA
Power
NA
Supply voltage
45
(1)
Terminal 1 must be connected to signal ground for proper operation.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :SN65HVD09


Similar Part No. - SN65HVD09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD09-EP TI1-SN65HVD09-EP Datasheet
399Kb / 26P
[Old version datasheet]   9-CHANNEL RS-422 / RS-485 TRANSCEIVER
SN65HVD09IDGGREP TI1-SN65HVD09IDGGREP Datasheet
399Kb / 26P
[Old version datasheet]   9-CHANNEL RS-422 / RS-485 TRANSCEIVER
More results

Similar Description - SN65HVD09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD09-EP TI1-SN65HVD09-EP Datasheet
399Kb / 26P
[Old version datasheet]   9-CHANNEL RS-422 / RS-485 TRANSCEIVER
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Analog Devices
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
   EIA RS-485/RS-422 Transceiver
Rev. D
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
   Low power RS-485/RS-422 transceiver
logo
Texas Instruments
DS96176 TI1-DS96176_15 Datasheet
820Kb / 13P
[Old version datasheet]   RS-485/RS-422 Differential Bus Transceiver
logo
STMicroelectronics
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
   Low power RS-485/RS-422 transceiver
logo
National Semiconductor ...
DS96176 NSC-DS96176 Datasheet
344Kb / 12P
   RS-485/RS-422 Differential Bus Transceiver
logo
STMicroelectronics
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
   LOW POWER RS-485/RS-422 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com