Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AT89LP216 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT89LP216
Description  8-bit Microcontroller with 2K Bytes Flash
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP216 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT89LP216_08 Datasheet HTML 1Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 2Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 3Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 4Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 5Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 6Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 7Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 8Page - ATMEL Corporation AT89LP216_08 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 96 page
background image
Features
8-bit Microcontroller Compatible with MCS®51 Products
Enhanced 8051 Architecture
– Single Clock Cycle per Byte Fetch
– Up to 20 MIPS Throughput at 20 MHz Clock Frequency
– Fully Static Operation: 0 Hz to 20 MHz
– On-chip 2-cycle Hardware Multiplier
– 128 x 8 Internal RAM
– 4-level Interrupt Priority
Nonvolatile Program Memory
– 2K Bytes of In-System Programmable (ISP) Flash Memory
– Endurance: Minimum 10,000 Write/Erase Cycles
– Serial Interface for Program Downloading
– 32-byte Fast Page Programming Mode
– 64-byte User Signature Array
– 2-level Program Memory Lock for Software Security
Peripheral Features
– Two 16-bit Enhanced Timer/Counters
– Two 8-bit PWM Outputs
– Enhanced UART with Automatic Address Recognition and Framing
Error Detection
– Enhanced Master/Slave SPI with Double-buffered Send/Receive
– Programmable Watchdog Timer with Software Reset
– Analog Comparator with Selectable Interrupt and Debouncing
– 8 General-purpose Interrupt Pins
Special Microcontroller Features
– Two-wire On-chip Debug Interface
– Brown-out Detection and Power-on Reset with Power-off Flag
– Internal 8 MHz RC Oscillator
– Low Power Idle and Power-down Modes
– Interrupt Recovery from Power-down Mode
I/O and Packages
– Up to 14 Programmable I/O Lines
– Configurable I/O with Quasi-bidirectional, Input, Push-pull Output, and
Open-drain Modes
– 5V Tolerant I/O
– 16-lead TSSOP, SOIC or PDIP
Operating Conditions
– 2.4V to 5.5V V
CC Voltage Range
–-40
⋅ C to 85°C Temperature Range
1.
Description
The AT89LP216 is a low-power, high-performance CMOS 8-bit microcontroller with
2K bytes of In-System Programmable Flash memory. The device is manufactured
using Atmel
®'s high-density nonvolatile memory technology and is compatible with the
industry-standard MCS-51 instruction set. The AT89LP216 is built around an
enhanced CPU core that can fetch a single byte from memory every clock cycle.
In the classic 8051 architecture, each fetch requires 6 clock cycles, forcing instruc-
tions to execute in 12, 24 or 48 clock cycles. In the AT89LP216 CPU, instructions
8-bit
Microcontroller
with 2K Bytes
Flash
AT89LP216
3621C–MICRO–6/08


Similar Part No. - AT89LP216_08

ManufacturerPart #DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT89LP216 ATMEL-AT89LP216_06 Datasheet
1Mb / 90P
   Microcontroller with 2K Bytes Flash
AT89LP216 ATMEL-AT89LP216_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
More results

Similar Description - AT89LP216_08

ManufacturerPart #DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT89LP216 ATMEL-AT89LP216_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26_07 Datasheet
374Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
251Kb / 13P
   8-Bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26 Datasheet
135Kb / 16P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_06 Datasheet
1Mb / 90P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_00 Datasheet
232Kb / 15P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_08 Datasheet
397Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
329Kb / 20P
   8-bit Microcontroller with 2K Bytes Flash
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com