Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM27C512Q120 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FM27C512Q120
Description  524,288-Bit (64K x 8) High Performance CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM27C512Q120 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FM27C512Q120 Datasheet HTML 1Page - Fairchild Semiconductor FM27C512Q120 Datasheet HTML 2Page - Fairchild Semiconductor FM27C512Q120 Datasheet HTML 3Page - Fairchild Semiconductor FM27C512Q120 Datasheet HTML 4Page - Fairchild Semiconductor FM27C512Q120 Datasheet HTML 5Page - Fairchild Semiconductor FM27C512Q120 Datasheet HTML 6Page - Fairchild Semiconductor FM27C512Q120 Datasheet HTML 7Page - Fairchild Semiconductor FM27C512Q120 Datasheet HTML 8Page - Fairchild Semiconductor FM27C512Q120 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
www.fairchildsemi.com
FM27C512 Rev. A
Programming Characteristics (Note 10) and (Note 11)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
AS
Address Setup Time
1
µs
tOES
OE Setup Time
1
µs
t
DS
Data Setup Time
1
µs
tVCS
VCC Setup Time
1
µs
t
AH
Address Hold Time
0
µs
tDH
Data Hold Time
1
µs
t
CF
Chip Enable to Output Float Delay
OE = V
IL
060
ns
tPW
Program Pulse Width
45
50
105
µs
t
OEH
OE Hold Time
1
µs
tDV
Data Valid from CE
OE = VIL
250
ns
t
PRT
OE Pulse Rise Time
50
ns
during Programming
t
VR
V
PP Recovery Time
1
µs
I
PP
V
PP Supply Current during
CE = V
IL
30
mA
Programming Pulse
OE = VPP
I
CC
V
CC Supply Current
50
mA
TR
Temperature Ambient
20
25
30
°C
V
CC
Power Supply Voltage
6.25
6.5
6.75
V
VPP
Programming Supply Voltage
12.5
12.75
13
V
t
FR
Input Rise, Fall Time
5
ns
VIL
Input Low Voltage
0
0.45
V
V
IH
Input High Voltage
2.4
4
V
tIN
Input Timing Reference Voltage
0.8
2
V
t
OUT
Output Timing Reference Voltage
0.8
2
V
Programming Waveforms
Note 10: Fairchild’s standard product warranty applies to devices programmed to specifications described herein.
Note 11: V
CC must be applied simultaneously or before VPP and removed simultaneously or after VPP. The EPROM must not be inserted into or removed from a board with
voltage applied to V
PP or VCC.
Note 12: The maximum absolute allowable voltage which may be applied to the V
PP pin during programming is 14V. Care must be taken when switching the VPP supply to
prevent any overshoot from exceeding this 14V maximum specification. At least a 0.1
µF capacitor is required across V
CC to GND to suppress spurious voltage transients which
may damage the device.
t AS
Program
Program Verify
Address N
t CF
Hi-Z
t DS
t DH
t VPS
t PW
t OEH
t AH
2.0V
0.8V
2.0V
0.8V
6.25V
Addresses
Data
OE/VPP
VCC
0.8V
t OES
Data Out Valid
ADD N
Data In Stable
ADD N
2.0V
0.8V
t DV
tPRT
12.75V
t VCS
t VR
CE/PGM
DS800035-5


Similar Part No. - FM27C512Q120

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM27C512Q120 FAIRCHILD-FM27C512Q120 Datasheet
100Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
More results

Similar Description - FM27C512Q120

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NM27C512 NSC-NM27C512 Datasheet
159Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
Fairchild Semiconductor
FM27C512 FAIRCHILD-FM27C512 Datasheet
100Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
NM27C512 FAIRCHILD-NM27C512 Datasheet
105Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
NM27P512 NSC-NM27P512 Datasheet
176Kb / 12P
   524,288-Bit (64K x 8) Processor Oriented CMOS EPROM
logo
Fairchild Semiconductor
NM27C210 FAIRCHILD-NM27C210 Datasheet
101Kb / 10P
   1,048,576-Bit (64K x 16) High Performance CMOS EPROM
logo
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
27C64A PHILIPS-27C64A Datasheet
528Kb / 14P
   64K-bit CMOS EPROM(8K x 8)
November 12 1990
logo
Cypress Semiconductor
CY27H512 CYPRESS-CY27H512 Datasheet
782Kb / 11P
   64K x 8 High-Speed CMOS EPROM
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com