Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HQCCCA100DAT9A Datasheet(PDF) 1 Page - AVX Corporation

Part # HQCCCA100DAT9A
Description  Hi-Q High RF Power MLC Surface Mount Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

HQCCCA100DAT9A Datasheet(HTML) 1 Page - AVX Corporation

  HQCCCA100DAT9A Datasheet HTML 1Page - AVX Corporation HQCCCA100DAT9A Datasheet HTML 2Page - AVX Corporation HQCCCA100DAT9A Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
82
Hi-Q® High RF Power
MLC Surface Mount Capacitors
For 600V to 7200V Application
PRODUCT OFFERING
Hi-Q®, high RF power, surface mount MLC capacitors from AVX
Corporation are characterized with ultra-low ESR and dissipation factor
at high frequencies. They are designed to handle high power and
high voltage levels for applications in RF power amplifiers, inductive
heating, high magnetic field environments (MRI coils), medical and
industrial electronics.
Capacitance Range
3.3pF to 6,800pF
(25°C, 1.0 ±0.2 Vrms at 1kHz, for ≤ 1000 pF use 1MHz)
Capacitance Tolerances
±0.25pF, ±0.50pF, ±1%, ±2%, ±5%, ±10%, ±20%
Dissipation Factor 25°C
0.1% Max (+25°C, 1.0 ±0.2 Vrms at 1kHz, for ≤ 1000 pF use 1MHz)
Operating Temperature Range
-55°C to +125°C
Temperature Characteristic
C0G: 0 ± 30 ppm/°C (-55°C to +125°C)
Voltage Ratings
600, 630, 1000, 1500, 2000, 2500, 3000, 4000, 5000, 7200VDC
Insulation Resistance
100K MΩ min. @ +25°C and 500VDC
10K MΩ min. @ +125°C and 500VDC
Dielectric Strength
Minimum 120% of rated WVDC
DIELECTRIC PERFORMANCE CHARACTERISTICS
HOW TO ORDER
HIGH VOLTAGE CAPACITANCE VALUES (pF)
Style
600/630
1000
1500
2000
2500
3000
4000
5000
7200
WDC
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
min./max.
min./max.
min./max.
min./max.
min./max.
min./max.
min./max.
min./max.
min./max.
HQCC
2,200 - 2,700
1,500 - 1,800
820 - 1,200
470 - 680
330 - 390
3.3 - 270
HQCE
5,600 - 6,800
3,300 - 4,700
2,200 - 2,700
1,200 - 1,800
820 - 1,000
470-680
220-390
120 - 180
3.3 - 100
STYLE
HQCC
HQCE
(L) Length
5.84 ± 0.51
9.4 ± 0.51
(0.230 ± 0.020)
(0.370 ± 0.020)
(W) Width
6.35 ± 0.51
9.9 ± 0.51
(0.250 ± 0.020)
(0.390 ± 0.020)
(T) Thickness
3.3 max.
3.3 max.
Max.
(0.130 max.)
(0.130 max.)
(t) terminal
0.64 ± 0.38
0.64 ± 0.38
(0.025 ± 0.015)
(0.025 ± 0.015)
DIMENSIONS
millimeters (inches)
L
W
T
t
HQCC
AVX
Style
HQCC
HQCE
A
Voltage
600V/630V = C
1000V = A
1500V = S
2000V = G
2500V = W
3000V = H
4000V = J
5000V = K
7200V = M
A
Temperature
Coefficient
C0G = A
271
Capacitance Code
(2 significant digits
+ no. of zeros)
Examples:
4.7 pF = 4R7
10 pF = 100
100 pF = 101
1,000 pF = 102
J
Capacitance
Tolerance
C = ±0.25pF (<13pF)
D = ±0.50pF (<25pF)
F = ±1% ( 25pF)
G = ±2% ( 13pF)
J = ±5%
K = ±10%
M = ±20%
A
Test Level
A = Standard
T
Termination*
1 = Pd/Ag
T = Plated
Ni and Sn
(RoHS Compliant)
J = 5% Min Pb
1
Packaging
1 = 7" Reel
3 = 13" Reel
9 = Bulk
A
Special
Code
A = Standard
Contact factory for availability of Termination and Tolerance options for Specific Part Numbers.


Similar Part No. - HQCCCA100DAT9A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
HQCC7M152GAH6A AVX-HQCC7M152GAH6A Datasheet
718Kb / 5P
   Hi-Q짰 High RF Power MLC Surface Mount Capacitors
More results

Similar Description - HQCCCA100DAT9A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
HQCC7M152GAH6A AVX-HQCC7M152GAH6A Datasheet
718Kb / 5P
   Hi-Q짰 High RF Power MLC Surface Mount Capacitors
logo
Frontier Electronics.
5YN FRONTIER-5YN Datasheet
137Kb / 1P
   Tunable Hi-Q RF Coils
logo
Knowles Electronics
121031000103JXTXXX KNOWLES-121031000103JXTXXX Datasheet
2Mb / 16P
   Non-magnetic Surface Mount & Ribbon Leaded MLC Capacitors
23-Sep-21
logo
Frontier Electronics.
6YN FRONTIER-6YN Datasheet
116Kb / 1P
   SMD Tunable Hi-Q RF Inductors
5SQ FRONTIER-5SQ_15 Datasheet
136Kb / 1P
   TUNABLE SUPER HI-Q RF COILS
5SQ FRONTIER-5SQ Datasheet
132Kb / 1P
   Tunable Super Hi-Q RF Coils
logo
AVX Corporation
UQCB7A100JATME AVX-UQCB7A100JATME Datasheet
3Mb / 13P
   Microwave MLC`s UQ Series High Q Ultra Low ESR MLC
logo
IRC - a TT electronics ...
HFR-RFTS05LFC50OHM-F-0F0 IRCTT-HFR-RFTS05LFC50OHM-F-0F0 Datasheet
398Kb / 3P
   High Power, Surface Mount RF Terminators
logo
Vishay Siliconix
QUADHIFREQ VISHAY-QUADHIFREQ Datasheet
166Kb / 14P
   Surface Mount Multilayer Ceramic Capacitors for RF Power Applications
Revision: 07-Mar-17
QUAD-HIFREQ VISHAY-QUAD-HIFREQ Datasheet
166Kb / 14P
   Surface Mount Multilayer Ceramic Capacitors for RF Power Applications
Revision: 07-Mar-17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com