Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54059IRTZ-T Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL54059IRTZ-T
Description  1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54059IRTZ-T Datasheet(HTML) 2 Page - Intersil Corporation

  ISL54059IRTZ-T Datasheet HTML 1Page - Intersil Corporation ISL54059IRTZ-T Datasheet HTML 2Page - Intersil Corporation ISL54059IRTZ-T Datasheet HTML 3Page - Intersil Corporation ISL54059IRTZ-T Datasheet HTML 4Page - Intersil Corporation ISL54059IRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL54059IRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL54059IRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL54059IRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL54059IRTZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
FN6579.0
December 19, 2008
Pinout (Note 1)
ISL54059
(10 LD TDFN)
TOP VIEW
ISL54059
(10 LD µTQFN)
TOP VIEW
NOTE:
1. Switches Shown for INx = Logic “0”.
IN1
NO1
COM1
NC1
GND
IN2
NO2
COM2
NC2
V+
1
2
3
4
5
10
9
8
7
6
GND
V+
NC2
COM2
NO2
NC1
COM1
NO1
IN1
IN2
1
2
3
4
5
10
9
8
7
6
Truth Table
IN1
IN2
NC1
NO1
NC2
NO2
0
0
ON
OFF
ON
OFF
0
1
ON
OFF
OFF
ON
10
OFF
ON
ON
OFF
1
1
OFF
ON
OFF
ON
NOTE:
Logic “0”
≤0.5V. Logic “1” ≥1.4V with a 3V supply.
Pin Descriptions
PIN
FUNCTION
V+
IC Power Supply (+1.8V to +6.5V). Decouple V+ to
ground by placing a 0.1µF capacitor at the V+ and GND
supply lines as near as the IC as possible.
GND
Ground Connection
INx
Digital Control Input
COM
Analog Switch Common Pin
NOx
Analog Switch Normally Open Pin
NCx
Analog Switch Normally Closed Pin
Ordering Information
PART
NUMBER
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL54059IRTZ
(Note 3)
4059
-40 to +85
10 Ld 3x3 TDFN
L10.3x3A
ISL54059IRTZ-T
(Notes 2, 3)
4059
-40 to +85
10 Ld 3x3 TDFN (Tape and Reel)
L10.3x3A
ISL54059IRUZ-T
(Notes 2, 4)
7
-40 to +85
10 Ld Thin µTQFN (Tape and Reel)
L10.1.8x1.4A
NOTES:
2. Please refer to TB347 for details on reel specifications.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-
020.
4. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu
plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products
are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
ISL54059


Similar Part No. - ISL54059IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54059IRTZ-T INTERSIL-ISL54059IRTZ-T Datasheet
399Kb / 14P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
ISL54059IRTZ-T INTERSIL-ISL54059IRTZ-T Datasheet
640Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
ISL54059IRTZ-T INTERSIL-ISL54059IRTZ-T Datasheet
642Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
March 11, 2011
logo
Renesas Technology Corp
ISL54059IRTZ-T RENESAS-ISL54059IRTZ-T Datasheet
724Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
More results

Similar Description - ISL54059IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54059 INTERSIL-ISL54059_09 Datasheet
399Kb / 14P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
ISL54060 INTERSIL-ISL54060_09 Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
ISL54060 INTERSIL-ISL54060 Datasheet
389Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
ISL54062 INTERSIL-ISL54062 Datasheet
738Kb / 16P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability and Click and Pop Elimination
ISL54065 INTERSIL-ISL54065_09 Datasheet
713Kb / 15P
   1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
ISL54065 INTERSIL-ISL54065 Datasheet
706Kb / 15P
   1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
ISL54063 INTERSIL-ISL54063 Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST
logo
Texas Instruments
TS5A22364-Q1 TI1-TS5A22364-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   0.65- Dual SPDT Analog Switch with Negative Signaling Capability
logo
Pericom Semiconductor C...
PI3A288 PERICOM-PI3A288 Datasheet
553Kb / 9P
   Ultra-Low-THD Dual-SPDT Analog Switch with Negative Signal Handling Capability
logo
Intersil Corporation
ISL54065_0911 INTERSIL-ISL54065_0911 Datasheet
717Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPDT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com