Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24232RGTRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ24232RGTRG4
Description  USB-FRIENDLY LITHIUM-ION BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24232RGTRG4 Datasheet(HTML) 2 Page - Texas Instruments

  BQ24232RGTRG4 Datasheet HTML 1Page - Texas Instruments BQ24232RGTRG4 Datasheet HTML 2Page - Texas Instruments BQ24232RGTRG4 Datasheet HTML 3Page - Texas Instruments BQ24232RGTRG4 Datasheet HTML 4Page - Texas Instruments BQ24232RGTRG4 Datasheet HTML 5Page - Texas Instruments BQ24232RGTRG4 Datasheet HTML 6Page - Texas Instruments BQ24232RGTRG4 Datasheet HTML 7Page - Texas Instruments BQ24232RGTRG4 Datasheet HTML 8Page - Texas Instruments BQ24232RGTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
DESCRIPTION (CONTINUED)
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS
(1)
bq24230
bq24232
SLUS821A – OCTOBER 2008 – REVISED DECEMBER 2008 .......................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
The battery is charged in three phases: conditioning, constant current, and constant voltage. In all charge
phases, an internal control loop monitors the IC junction temperature and reduces the charge current if the
internal temperature threshold is exceeded.
The charger power stage and charge current sense functions are fully integrated. The charger function has
high-accuracy current and voltage regulation loops, charge status display, and charge termination. The input
current limit and charge current are programmable using external resistors.
ORDERING INFORMATION
PART
OPTIONAL
VOVP
VOUT(REG)
VDPM
MARKING
NUMBER(1)(2)
FUNCTION
bq24230RGTR
6.6 V
4.4 V
VO(REG) – 100 mV
TD
CGN
bq24230RGTT
6.6 V
4.4 V
VO(REG) – 100 mV
TD
CGN
bq24232RGTR
10.5 V
4.4 V
VO(REG) – 100 mV
ITERM
NXK
bq24232RGTT
10.5 V
4.4 V
VO(REG) – 100 mV
ITERM
NXK
(1)
The RGT package is available in the following options:
R - taped and reeled in quantities of 3000 devices per reel.
T - taped and reeled in quantities of 250 devices per reel.
(2)
This product is RoHS compatible, including a lead concentration that does not exceed 0.1% of total product weight, and is suitable for
use in specified lead-free soldering processes. In addition, this product uses package materials that do not contain halogens, including
bromine (Br) or antimony (Sb) above 0.1% of total product weight.
over the 0°C to 125°C operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
IN (with respect to VSS)
–0.3 to 28
V
OUT (with respect to VSS)
–0.3 to 7
V
VI
Input voltage
BAT (with respect to VSS)
–0.3 to 5
V
EN1, EN2, CE, TS, ISET, PGOOD, CHG, ILIM, TMR, TD,
–0.3 to 7
V
ITERM (with respect to VSS)
II
Input current
IN
600
mA
OUT
600
mA
IO
Output current (continuous)
BAT (Discharge mode)
600
mA
Output sink current
CHG, PGOOD
15
mA
TJ
Junction temperature
–40 to 150
°C
Tstg
Storage temperature
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage
values are with respect to the network ground terminal unless otherwise noted.
POWER RATING
PACKAGE(2)
RθJA
RθJC
TA ≤ 25°C
TA = 85°C
RGT (1)
39.47 °C/W
2.4 °C/W
2.3 W
225 mW
(1)
This data is based on using the JEDEC High-K board and the exposed die pad is connected to a Cu pad on the board. The pad is
connected to the ground plane by a 2x3 via matrix.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): bq24230 bq24232


Similar Part No. - BQ24232RGTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24232RGTR TI1-BQ24232RGTR Datasheet
2Mb / 47P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger
More results

Similar Description - BQ24232RGTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24232H TI1-BQ24232H Datasheet
1Mb / 37P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
BQ24230H TI1-BQ24230H_14 Datasheet
1Mb / 38P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
BQ24232H TI-BQ24232H_15 Datasheet
1Mb / 42P
[Old version datasheet]   bq2423xx USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
BQ24072T TI-BQ24072T_1 Datasheet
2Mb / 34P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072T TI-BQ24072T_2 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072 TI-BQ24072_10 Datasheet
2Mb / 42P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075T TI-BQ24075T Datasheet
2Mb / 29P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072T TI-BQ24072T Datasheet
2Mb / 33P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072 TI-BQ24072 Datasheet
1Mb / 31P
[Old version datasheet]   1.2A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072 TI-BQ24072 Datasheet
2Mb / 38P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com