Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24315 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24315
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24315 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ24315 Datasheet HTML 3Page - Texas Instruments BQ24315 Datasheet HTML 4Page - Texas Instruments BQ24315 Datasheet HTML 5Page - Texas Instruments BQ24315 Datasheet HTML 6Page - Texas Instruments BQ24315 Datasheet HTML 7Page - Texas Instruments BQ24315 Datasheet HTML 8Page - Texas Instruments BQ24315 Datasheet HTML 9Page - Texas Instruments BQ24315 Datasheet HTML 10Page - Texas Instruments BQ24315 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
TYPICAL OPERATING PERFORMANCE
V
IN
V
OUT
I
IN
5V/div
200mV/div
200mA/div
t-Time-2ms/div
V
=0Vto9V,
t =50 s
IN
r
m
V
IN
V
OUT
I
IN
2V/div
2V/div
200mA/div
t-Time-2ms/div
R
=6.6
OUT
W
V
IN
V
OUT
t-Time-10
s/div
m
5V/div
2V/div
V
=5Vto12Vstep
IN
V
IN
V
OUT
5V/div
2V/div
t-Time-20
s/div
m
V
=5Vto12V,
t =20 s
IN
r
m
5V/div
1V/div
500mA/div
V
IN
V
OUT
I
IN
t-Time-200ms/div
V
FAULT
1V/div
V
IN
V
OUT
2V/div
2V/div
t-Time-4ms/div
V
=7.5Vto5V,
t =1.2ms
IN
r
bq24313
bq24315
www.ti.com............................................................................................................................................... SLUS817A – MARCH 2008 – REVISED NOVEMBER 2008
Test conditions (unless otherwise noted) for typical operating performance: VIN = 5 V, CIN = 1 µF, COUT = 1 µF,
R(ILIM) = 25 kΩ, RBAT = 100 kΩ, TA = 25°C, VPU = 3.3V (see Figure 22 for the Typical Application Circuit)
NORMAL POWER-ON SHOWING SOFT-START
OVP AT POWER-ON
Figure 2.
Figure 3.
OVP RESPONSE FOR INPUT STEP
OVP RESPONSE FOR INPUT STEP
Figure 4.
Figure 5.
OCP, POWERING UP INTO A SHORT CIRCUIT ON
OUT,COUNTER COUNTS TO 15 BEFORE SWITCHING OFF
RECOVERY FROM OVP
THE DEVICE
Figure 6.
Figure 7.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): bq24313 bq24315


Similar Part No. - BQ24315

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24315 TI-BQ24315 Datasheet
1Mb / 20P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24315DSG TI-BQ24315DSG Datasheet
1Mb / 20P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24315DSGR TI-BQ24315DSGR Datasheet
1Mb / 20P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24315DSGRG4 TI-BQ24315DSGRG4 Datasheet
1Mb / 20P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24315DSGT TI-BQ24315DSGT Datasheet
1Mb / 20P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results

Similar Description - BQ24315

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24314 TI-BQ24314_1 Datasheet
1Mb / 25P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314 TI-BQ24314 Datasheet
380Kb / 13P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300_08 Datasheet
872Kb / 23P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24308 TI-BQ24308 Datasheet
1Mb / 24P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC
BQ24312 TI-BQ24312 Datasheet
868Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGT TI1-BQ24314ADSGT Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300 Datasheet
836Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24315 TI-BQ24315 Datasheet
1Mb / 20P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314A TI-BQ24314A Datasheet
856Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGR TI1-BQ24314ADSGR Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com