Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCP-67206HV-30SCC Datasheet(PDF) 6 Page - ATMEL Corporation

Part # SMCP-67206HV-30SCC
Description  Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SMCP-67206HV-30SCC Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button SMCP-67206HV-30SCC Datasheet HTML 2Page - ATMEL Corporation SMCP-67206HV-30SCC Datasheet HTML 3Page - ATMEL Corporation SMCP-67206HV-30SCC Datasheet HTML 4Page - ATMEL Corporation SMCP-67206HV-30SCC Datasheet HTML 5Page - ATMEL Corporation SMCP-67206HV-30SCC Datasheet HTML 6Page - ATMEL Corporation SMCP-67206HV-30SCC Datasheet HTML 7Page - ATMEL Corporation SMCP-67206HV-30SCC Datasheet HTML 8Page - ATMEL Corporation SMCP-67206HV-30SCC Datasheet HTML 9Page - ATMEL Corporation SMCP-67206HV-30SCC Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
M67206H
4143J–AERO–04/07
Functional Description
Single Device Mode
A single M67206H may be used when the application requirements are for 16384 words
or less. The M67206H is in a Single Device Configuration when the Expansion In (XI) control
input is grounded (see Figure 2). In this mode the Half-Full Flag (HF), which is an active low
output, is shared with Expansion Out (XO).
Figure 2. Block Diagram of Single 16384 bits × 9
Width Expansion Mode
Word width may be increased simply by connecting the corresponding input control sig-
nals of multiple devices. Status flags (EF, FF and HF) can be detected from any device.
Figure 3 demonstrates an 18-bit word width by using two M67206H. Any word width can be
attained by adding additional M67206H.
Figure 3. Block Diagram of 16384 bits x 18 FIFO Memory Used in Width Expansion Mode
Note:
Flag detection is accomplished by monitoring the FF, EF and the HF signals on either (any) device used in the width expansion
configuration. Do not connect any output control signals together.
(HALF-FULL FLAG)
WRITE
(W)
(R)
READ
DATAIN
9
(I)
DATAOUT
9
(Q)
FULL FLAG
RESET
(FF)
(RS)
EMPTY FLAG
RETRANSMIT
(EF)
(RT)
EXPANSION IN (XI)
HF
M67206H
HF
H


Similar Part No. - SMCP-67206HV-30SCC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SMCP-672061HV-15SCC ATMEL-SMCP-672061HV-15SCC Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO with Programmable Flag
SMCP-672061HV-30SCC ATMEL-SMCP-672061HV-30SCC Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO with Programmable Flag
More results

Similar Description - SMCP-67206HV-30SCC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M67204H ATMEL-M67204H Datasheet
1Mb / 20P
   Rad. Tolerant High Speed 4 Kb x 9 Parallel FIFO
M672061H ATMEL-M672061H Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO with Programmable Flag
M67025E ATMEL-M67025E Datasheet
531Kb / 27P
   Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
M67025E ATMEL-M67025E_07 Datasheet
693Kb / 27P
   Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
logo
Maxwell Technologies
7206F MAXWELL-7206F Datasheet
208Kb / 15P
   High-Speed Epi-CMOS (16K x 9-Bit) Parallel FIFO
logo
Integrated Device Techn...
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
logo
Sharp Corporation
LH5493 SHARP-LH5493 Datasheet
839Kb / 16P
   4K x 9 Parallel-to Serial FIFO
logo
Texas Instruments
UC1825A-DIE TI-UC1825A-DIE_15 Datasheet
153Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
logo
Integrated Device Techn...
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
   CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
logo
Texas Instruments
UC1825-DIE TI-UC1825-DIE_15 Datasheet
120Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com