Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-8956810QNC Datasheet(PDF) 11 Page - ATMEL Corporation

Part # 5962-8956810QNC
Description  Rad. Tolerant High Speed 4 Kb x 9 Parallel FIFO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

5962-8956810QNC Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button 5962-8956810QNC Datasheet HTML 7Page - ATMEL Corporation 5962-8956810QNC Datasheet HTML 8Page - ATMEL Corporation 5962-8956810QNC Datasheet HTML 9Page - ATMEL Corporation 5962-8956810QNC Datasheet HTML 10Page - ATMEL Corporation 5962-8956810QNC Datasheet HTML 11Page - ATMEL Corporation 5962-8956810QNC Datasheet HTML 12Page - ATMEL Corporation 5962-8956810QNC Datasheet HTML 13Page - ATMEL Corporation 5962-8956810QNC Datasheet HTML 14Page - ATMEL Corporation 5962-8956810QNC Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
M67204H
4141J–AERO–04/07
AC Parameters
AC Test Conditions
Input pulse levels: Gnd to 3.0V
Input rise/Fall times: 5 ns
Input timing reference levels: 1.5V
Output reference levels: 1.5V
Output load: See Figure 7
Figure 7. Output Load
Table 4. AC Test Conditions
Symbol (1)
Symbol (2)
Parameter (3) (4)
M67204H- 15
M67204H- 30
Unit
Min.
Max.
Min.
Max.
Read Cycle
TRLRL
tRC
Read cycle time
25
-
40
-
ns
TRLQV
tA
Access time
15
30
ns
TRHRL
tRR
Read recovery time
10
-
10
-
ns
TRLRH
tRPW
Read pulse width (5)
15
-
30
-
ns
TRLQX
tRLZ
Read low to data low Z (6)
0
-
5
-
ns
TWHQX
tWLZ
Write high to data low Z (6) (7)
3
-
5
-
ns
TRHQX
tDV
Data valid from read high
5
-
5
-
ns
TRHQZ
tRHZ
Read high to data high Z (6)
-
15
-
20
ns
Write Cycle
TWLWL
tWC
Write cycle time
25
-
40
-
ns
TWLWH
tWPW
Write pulse width(5)
15
-
30
-
ns
TWHWL
tWR
Write recovery time
10
-
10
-
ns
TDVWH
tDS
Data set-up time
9
-
18
-
ns
TWHDX
tDH
Data hold time
0
-
0
-
ns
Reset Cycle
TRSLWL
tRSC
Reset cycle time
25
-
40
-
ns
TRSLRSH
tRS
Reset pulse width (5)
15
-
30
-
ns
TWHRSH
tRSS
Reset set-up time
20
-
30
-
ns


Similar Part No. - 5962-8956810QNC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-89503012A TI-5962-89503012A Datasheet
404Kb / 19P
[Old version datasheet]   LinCMOSE TIMERS
5962-89503012A TI1-5962-89503012A Datasheet
1Mb / 25P
[Old version datasheet]   LinCMOSE TIMERS
5962-8950301PA TI-5962-8950301PA Datasheet
404Kb / 19P
[Old version datasheet]   LinCMOSE TIMERS
5962-8950301PA TI1-5962-8950301PA Datasheet
1Mb / 25P
[Old version datasheet]   LinCMOSE TIMERS
5962-89503022A TI-5962-89503022A Datasheet
236Kb / 18P
[Old version datasheet]   DUAL LinCMOSE TIMERS
More results

Similar Description - 5962-8956810QNC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M67206H ATMEL-M67206H Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO
M672061H ATMEL-M672061H Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO with Programmable Flag
M67025E ATMEL-M67025E Datasheet
531Kb / 27P
   Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
M67025E ATMEL-M67025E_07 Datasheet
693Kb / 27P
   Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
logo
Maxwell Technologies
7206F MAXWELL-7206F Datasheet
208Kb / 15P
   High-Speed Epi-CMOS (16K x 9-Bit) Parallel FIFO
logo
Integrated Device Techn...
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
logo
Sharp Corporation
LH5493 SHARP-LH5493 Datasheet
839Kb / 16P
   4K x 9 Parallel-to Serial FIFO
logo
Texas Instruments
UC1825A-DIE TI-UC1825A-DIE_15 Datasheet
153Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
logo
Integrated Device Techn...
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
   CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
logo
Texas Instruments
UC1825-DIE TI-UC1825-DIE_15 Datasheet
120Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com