Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54215 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL54215
Description  MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Low Power Shutdown
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54215 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL54215 Datasheet HTML 1Page - Intersil Corporation ISL54215 Datasheet HTML 2Page - Intersil Corporation ISL54215 Datasheet HTML 3Page - Intersil Corporation ISL54215 Datasheet HTML 4Page - Intersil Corporation ISL54215 Datasheet HTML 5Page - Intersil Corporation ISL54215 Datasheet HTML 6Page - Intersil Corporation ISL54215 Datasheet HTML 7Page - Intersil Corporation ISL54215 Datasheet HTML 8Page - Intersil Corporation ISL54215 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
November 25, 2008
Absolute Maximum Ratings
Thermal Information
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 5.5V
Input Voltages
D+, D- (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 2V to 5.5V
L, R (Note 3) . . . . . . . . . . . . . . . . . . . . . . . - 2V to ((VDD) + 0.3V)
IN, CTRL (Note 3) . . . . . . . . . . . . . . . . . . -0.3V to ((VDD) + 0.3V)
Output Voltages
COM-, COM+ (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . -2V to 5.5V
Continuous Current (Audio Switches) . . . . . . . . . . . . . . . . . ±150mA
Peak Current (Audio Switches)
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . . ±300mA
Continuous Current (USB Switches). . . . . . . . . . . . . . . . . . . ±40mA
Peak Current (USB Switches)
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . . ±100mA
ESD Ratings
Human Body Model, I/0 to GND . . . . . . . . . . . . . . . . . . . . . . >4kV
Human Body Model, All Other Pins . . . . . . . . . . . . . . . . . . .>3.5kV
Human Body Model, VDD to GND. . . . . . . . . . . . . . . . . . . . >11kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >250V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >2kV
Thermal Resistance (Typical, Notes 4, 5)
θ
JA (°C/W)
θ
JC (°C/W)
10 Ld 2.1mmx1.6mm µTQFN Package
154
48.3
Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C
Maximum Storage Temperature Range. . . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile. . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
3. Signals on D+, D-, L, R, COM-, COM+, CTRL and IN exceeding VDD or GND by specified amount are clamped. Limit current to maximum current
ratings.
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
5. For
θ
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications - 2.7V to 3.6V Supply
Test Conditions: VDD = +3.0V, GND = 0V, VINH = VCTRLH = 1.4V, VINL = VCTRLL =
0.5V, (Note 6), Unless Otherwise Specified.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 7, 8)
TYP
MAX
(Notes 7, 8) UNITS
ANALOG SWITCH CHARACTERISTICS
Audio Switches (L, R)
Analog Signal Range, VANALOG VDD = 3.3V, IN = 0.5V, CTRL = 1.4V
Full
-1.5
-
1.5
V
ON-Resistance, rON
VDD = 3.0V, IN = 0.5V, CTRL = 1.4V, ICOMx = 40mA, VL or
VR = -0.85V to 0.85V (Figure 3, Note 10)
25
-
2.5
2.8
Ω
Full
-
-
3.4
Ω
rON Matching Between
Channels,
ΔrON
VDD = 3.0V, IN = 0.5V, CTRL = 1.4V, ICOMx = 40mA, VL or
VR = Voltage at max rON over signal range of -0.85V to 0.85V
(Notes 10, 11)
25
-
0.09
0.25
Ω
Full
-
-
0.26
Ω
rON Flatness, rFLAT(ON)
VDD = 3.0V, IN = 0.5V, CTRL = 1.4V, ICOMx = 40mA, VL or
VR = -0.85V to 0.85V (Notes 9, 10)
25
-
0.02
0.05
Ω
Full
-
-
0.07
Ω
ON-Resistance, rON
VDD = 5.0V, IN = 0V, CTRL = VDD, ICOMx = 40mA, VL or
VR = -0.85V to 0.85V (Figure 3)
25
-
2.3
-
Ω
ON-Resistance, rON
VDD = 4.2V, IN = 0V, CTRL = VDD, ICOMx = 40mA, VL or
VR = -0.85V to 0.85V (Figure 3)
25
-
2.35
-
Ω
ON-Resistance, rON
VDD = 2.85V, IN = 0V, CTRL = VDD, ICOMx = 40mA, VL or
VR = -0.85V to 0.85V (Figure 3)
25
-
2.72
-
Ω
USB Switches (D+, D-)
Analog Signal Range, VANALOG VDD = 2.7V to 3.6V, IN = 1.4V, CTRL = 1.4V
Full
0
-
VDD
V
ON-Resistance, rON
(High-Speed)
VDD = 3.3V, IN = 1.4V, CTRL = 1.4V, ICOMx = 40mA, VD+ or
VD- = 0V to 400mV (Figure 4, Note 10)
25
-
5
6.5
Ω
Full
-
-
7
Ω
ISL54215


Similar Part No. - ISL54215

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54215 INTERSIL-ISL54215 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54215 RENESAS-ISL54215 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Low Power Shutdown
ISL54215IRUZ-T RENESAS-ISL54215IRUZ-T Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Low Power Shutdown
More results

Similar Description - ISL54215

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54215 RENESAS-ISL54215 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Low Power Shutdown
logo
Intersil Corporation
ISL54209 INTERSIL-ISL54209 Datasheet
877Kb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Low Power Shutdown
logo
Renesas Technology Corp
ISL54209 RENESAS-ISL54209 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Low Power Shutdown
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 INTERSIL-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com