Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9317709QNC Datasheet(PDF) 7 Page - ATMEL Corporation

Part # 5962-9317709QNC
Description  Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO with Programmable Flag
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

5962-9317709QNC Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button 5962-9317709QNC Datasheet HTML 3Page - ATMEL Corporation 5962-9317709QNC Datasheet HTML 4Page - ATMEL Corporation 5962-9317709QNC Datasheet HTML 5Page - ATMEL Corporation 5962-9317709QNC Datasheet HTML 6Page - ATMEL Corporation 5962-9317709QNC Datasheet HTML 7Page - ATMEL Corporation 5962-9317709QNC Datasheet HTML 8Page - ATMEL Corporation 5962-9317709QNC Datasheet HTML 9Page - ATMEL Corporation 5962-9317709QNC Datasheet HTML 10Page - ATMEL Corporation 5962-9317709QNC Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
M672061H
4144K-AERO-04/07
Note:
1. Pointer will increment if flag is high.
Note:
1. XI is connected to XO of previous device.
See Figure 5.
Table 1. Programmable Half Full Flag Offset
I
8
I
7
I
6
I
5
I
4
I
3
I
2
I
1
I
0
Offset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
32
0
0
0
0
0
0
0
1
0
64
...
1
0
0
0
0
0
0
0
0
8192 (Half Full)
Default Offset
...
1
1
1
1
1
1
1
1
0
16384-64
1
1
1
1
1
1
1
1
1
16384-32
Table 2. Reset and Retransmit Single Device Configuration/Width Expansion Mode
Mode
Inputs
Internal Status
Outputs
RS
RT
XI
Read Pointer
Write Pointer
EF
FF
HF
Reset
0
X
0
Location Zero
Location Zero
0
1
1
Retransmit
1
0
0
Location Zero
Unchanged
X
X
X
Read/Write
1
1
0
Increment(1)
Increment(1)
X
X
X
Table 3. Reset and First Load Truth Table
Depth Expansion/Compound Expansion Mode
Mode
Inputs
Internal Status
Outputs
RS
FL
XI
Read Pointer
Write Pointer
EF
FF
Reset First Device
0
0
(1)
Location Zero
Location Zero
0
1
Reset All Other Devices
0
1
(1)
Location Zero
Location Zero
0
1
Read/Write
1
X
(1)
X
X
X
X


Similar Part No. - 5962-9317709QNC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
5962-9317707QNC ATMEL-5962-9317707QNC Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO
5962-9317707QTC ATMEL-5962-9317707QTC Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO
5962-9317707VNC ATMEL-5962-9317707VNC Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO
5962-9317707VTC ATMEL-5962-9317707VTC Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO
5962-9317708QNC ATMEL-5962-9317708QNC Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO
More results

Similar Description - 5962-9317709QNC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M67206H ATMEL-M67206H Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO
M67204H ATMEL-M67204H Datasheet
1Mb / 20P
   Rad. Tolerant High Speed 4 Kb x 9 Parallel FIFO
M67025E ATMEL-M67025E Datasheet
531Kb / 27P
   Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
M67025E ATMEL-M67025E_07 Datasheet
693Kb / 27P
   Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
logo
Cypress Semiconductor
CY7C470 CYPRESS-CY7C470 Datasheet
270Kb / 15P
   8K x 9 FIFO, 16K x 9 FIFO 32K x 9 FIFO with Programmable Flags
logo
Samsung semiconductor
KM75C104A SAMSUNG-KM75C104A Datasheet
564Kb / 18P
   CMOS FIFO WITH PROGRAMMABLE FLAG
logo
Maxwell Technologies
7206F MAXWELL-7206F Datasheet
208Kb / 15P
   High-Speed Epi-CMOS (16K x 9-Bit) Parallel FIFO
logo
Integrated Device Techn...
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
logo
Sharp Corporation
LH5493 SHARP-LH5493 Datasheet
839Kb / 16P
   4K x 9 Parallel-to Serial FIFO
logo
Texas Instruments
UC1825A-DIE TI-UC1825A-DIE_15 Datasheet
153Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com