Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6294A Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6294A
Description  High Input Voltage Charger
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6294A Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6294A Datasheet HTML 1Page - Intersil Corporation ISL6294A Datasheet HTML 2Page - Intersil Corporation ISL6294A Datasheet HTML 3Page - Intersil Corporation ISL6294A Datasheet HTML 4Page - Intersil Corporation ISL6294A Datasheet HTML 5Page - Intersil Corporation ISL6294A Datasheet HTML 6Page - Intersil Corporation ISL6294A Datasheet HTML 7Page - Intersil Corporation ISL6294A Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
FN6821.2
December 11, 2008
Absolute Maximum Ratings (Reference to GND)
Thermal Information
VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 30V
IMIN, IREF, BAT, CHG, EN, PPR . . . . . . . . . . . . . . . . . . . -0.3V to 7V
Recommended Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . .-40°C to 85°C
Maximum Supply Voltage (VIN Pin). . . . . . . . . . . . . . . . . . . . . . 28V
Operating Supply Voltage (VIN Pin). . . . . . . . . . . . . . . . 4.5V to 6.5V
Programmed Charge Current . . . . . . . . . . . . . . . . 100mA to 900mA
Thermal Resistance
θJA (°C/W) θJC (°C/W)
DFN Package (Notes 1, 2) . . . . . . . . . .
59
4.5
Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θ
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Typical Values Are Tested at VIN = 5V and the TA at +25°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
POWER-ON RESET
Rising POR Threshold
VPOR
VBAT = 3.0V, use PPR to indicate the
comparator output.
3.3
3.9
4.3
V
Falling POR Threshold
VPOR
2.7
3.4
3.6
V
VIN-BAT OFFSET VOLTAGE
Rising Edge
VOS
VBAT = 4.0V, use CHG pin to indicate the
comparator output (Note 3)
-
90
150
mV
Falling Edge
VOS
10
50
-
mV
OVERVOLTAGE PROTECTION
Overvoltage Protection Threshold
VOVP
(Note 4)
Use PPR to indicate the comparator output
6.9
7.3
7.7
V
OVP Threshold Hysteresis
100
240
400
mV
STANDBY CURRENT
BAT Pin Sink Current
ISTANDBY Charger disabled or the input is floating
VBAT =4.2V
--
1.0
µA
VIN Pin Supply Current
IVIN
Charger disabled
-
350
600
µA
VIN Pin Supply Current
IVIN
Charger enabled
-
500
800
µA
VOLTAGE REGULATION
Output Voltage
VCH
Charge current = 20mA
4.158
4.20
4.242
V
PMOS ON-Resistance
rDS(ON)
VIN = 4.1V, charge current = 0.3A
-
0.6
-
Ω
CHARGE CURRENT (Note 5)
IREF Pin Output Voltage
IIREF
VBAT = 3.8V
1.18
1.22
1.26
V
Constant Charge Current
ICHG
VIN = 5V, RIREF = 24.3kΩ, VBAT = 2.8V to 4.0V
450
500
550
mA
Trickle Charge Current
ITRK
VIN = 5V, RIREF = 24.3kΩ, VBAT = 2.4V
70
95
130
mA
End-of-Charge Current
IMIN
VIN = 5V, RIMIN = 243kΩ
33
45
57
mA
EOC Rising Threshold
VIN = 5V, RIMIN = 243kΩ
325
380
415
mA
PRECONDITIONING CHARGE THRESHOLD
Preconditioning Charge Threshold Voltage
VMIN
2.45
2.55
2.65
V
Preconditioning Voltage Hysteresis
VMINHYS
-
250
-
mV
INTERNAL TEMPERATURE MONITORING
Charge Current Foldback Threshold
(Note 6)
TFOLD
100
115
130
°C
ISL6294A


Similar Part No. - ISL6294A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6294A RENESAS-ISL6294A Datasheet
432Kb / 8P
   High Input Voltage Charger
ISL6294AIRZ-T RENESAS-ISL6294AIRZ-T Datasheet
432Kb / 8P
   High Input Voltage Charger
More results

Similar Description - ISL6294A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9204 RENESAS-ISL9204 Datasheet
498Kb / 10P
   High Input Voltage Charger
logo
Intersil Corporation
ISL6294IRZ-T INTERSIL-ISL6294IRZ-T Datasheet
181Kb / 9P
   High Input Voltage Charger
July 9, 2007
logo
Renesas Technology Corp
ISL6294A RENESAS-ISL6294A Datasheet
432Kb / 8P
   High Input Voltage Charger
ISL9222A RENESAS-ISL9222A Datasheet
422Kb / 8P
   High Input Voltage Charger
logo
Intersil Corporation
ISL6294 INTERSIL-ISL6294 Datasheet
222Kb / 8P
   High Input Voltage Charger
ISL9222 INTERSIL-ISL9222 Datasheet
121Kb / 8P
   High Input Voltage Charger
ISL6294 INTERSIL-ISL6294_07 Datasheet
178Kb / 9P
   High Input Voltage Charger
ISL9204 INTERSIL-ISL9204 Datasheet
261Kb / 10P
   High Input Voltage Charger
ISL9204IRZ-T INTERSIL-ISL9204IRZ-T Datasheet
268Kb / 10P
   High Input Voltage Charger
October 4, 2005
logo
SG Micro Corp
SGM4056 SGMICRO-SGM4056 Datasheet
413Kb / 19P
   High Input Voltage Charger
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com