Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL32272E Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL32272E
Description  QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32272E Datasheet(HTML) 3 Page - Intersil Corporation

  ISL32272E Datasheet HTML 1Page - Intersil Corporation ISL32272E Datasheet HTML 2Page - Intersil Corporation ISL32272E Datasheet HTML 3Page - Intersil Corporation ISL32272E Datasheet HTML 4Page - Intersil Corporation ISL32272E Datasheet HTML 5Page - Intersil Corporation ISL32272E Datasheet HTML 6Page - Intersil Corporation ISL32272E Datasheet HTML 7Page - Intersil Corporation ISL32272E Datasheet HTML 8Page - Intersil Corporation ISL32272E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
FN6824.0
December 16, 2008
ISL32274EFBZ
ISL32274 EFBZ
-40 to +125
16 Ld SOIC
M16.15
ISL32274EFVZ
32274 EFVZ
-40 to +125
16 Ld TSSOP
MDP0044
ISL32274EIBZ
ISL32274 EIBZ
-40 to +85
16 Ld SOIC
M16.15
ISL32274EIVZ
32274 EIVZ
-40 to +85
16 Ld TSSOP
MDP0044
ISL32372EFBZ
ISL32372 EFBZ
-40 to +125
16 Ld SOIC
M16.15
ISL32372EFVZ
32372 EFVZ
-40 to +125
16 Ld TSSOP
MDP0044
ISL32372EIBZ
ISL32372 EIBZ
-40 to +85
16 Ld SOIC
M16.15
ISL32372EIVZ
32372 EIVZ
-40 to +85
16 Ld TSSOP
MDP0044
ISL32374EFBZ
ISL32374 EFBZ
-40 to +125
16 Ld SOIC
M16.15
ISL32374EFVZ
32374 EFVZ
-40 to +125
16 Ld TSSOP
MDP0044
ISL32374EIBZ
ISL32374 EIBZ
-40 to +85
16 Ld SOIC
M16.15
ISL32374EIVZ
32374 EIVZ
-40 to +85
16 Ld TSSOP
MDP0044
NOTES:
1. Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-
020
Ordering Information (Continued)
PART NUMBER
(Notes 1, 2)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
Truth Tables
ISL32172E, ISL32272E, ISL32372E
INPUTS
OUTPUTS
EN
EN
DIX
ZX
YX
X
0
1/0
0/1
1/0
1
X
0/1
1/0
0/1
01
X
Z
Z
NOTE: Z = Tri-state
ISL32174E, ISL32274E, ISL32374E
INPUTS
OUTPUTS
EN12
EN34 DIX
Z1Y1
Z2Y2
Z3Y3
Z4Y4
0
0
X
Z
ZZZZZZZ
0
1
1/0
Z
Z
Z
Z
0/1
1/0
0/1
1/0
1
0
1/0
0/1
1/0
0/1
1/0
Z
Z
Z
Z
1
1
1/0
0/1
1/0
0/1
1/0
0/1
1/0
0/1
1/0
NOTE: Z = Tri-state
ISL32179E
INPUTS
OUTPUTS
ENX EN EN DIX SPA SPB ZX YX
COMMENTS
0
X
X
X
X
X
Z
Z
Chan X outputs disabled
X
0
1
X
X
X
Z
Z
All outputs disabled
1
X
0
1/0
1
1
0/1 1/0 Individual ENX controls
chan X (32Mbps)
1
1
X
0/1
1
1
1/0 0/1
1
X
0
1/0
0
1
0/1 1/0 Individual ENX controls
chan X (10Mbps)
1
1
X
0/1
0
1
1/0 0/1
1
X
0
1/0
X*
0
0/1 1/0 Individual ENX controls
chan X (460kbps)
1
1
X
0/1
X*
0
1/0 0/1
NOTE: *Keep SPA = 1 for lowest current in SHDN. If using individual
channel enables, and the SHDN mode, connect EN and EN to VCC
for the lowest SHDN current. ISL32179E enters SHDN when
SHDNEN = 1 and all channels are disabled. Z = Tri-state.
ISL32172E, ISL32272E, ISL32372E, ISL32174E, ISL32274E, ISL32374E, ISL32179E


Similar Part No. - ISL32272E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL32272E RENESAS-ISL32272E Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
ISL32272EFBZ RENESAS-ISL32272EFBZ Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
ISL32272EFBZ-T RENESAS-ISL32272EFBZ-T Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
ISL32272EFVZ RENESAS-ISL32272EFVZ Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
ISL32272EFVZ-T RENESAS-ISL32272EFVZ-T Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
More results

Similar Description - ISL32272E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL32172E RENESAS-ISL32172E Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
logo
Intersil Corporation
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
logo
Renesas Technology Corp
RAA7884QT RENESAS-RAA7884QT Datasheet
707Kb / 15P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitter
Oct.14.20
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
ISL32613E INTERSIL-ISL32613E Datasheet
546Kb / 11P
   짹16.5kV ESD Protected, 125째C, 1.8V to 3.6V, Low Power, SOT-23, RS-485/RS-422 Transmitters
logo
Maxim Integrated Produc...
MAX3030E MAXIM-MAX3030E Datasheet
326Kb / 14P
   짹15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
MAX3040 MAXIM-MAX3040 Datasheet
262Kb / 15P
   짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Rev 1; 12/01
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com