Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC21020F-20MB-E Datasheet(PDF) 10 Page - ATMEL Corporation

Part # TSC21020F-20MB-E
Description  Rad. Hard 32/40-bit IEEE Floating Point DSP
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSC21020F-20MB-E Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button TSC21020F-20MB-E Datasheet HTML 6Page - ATMEL Corporation TSC21020F-20MB-E Datasheet HTML 7Page - ATMEL Corporation TSC21020F-20MB-E Datasheet HTML 8Page - ATMEL Corporation TSC21020F-20MB-E Datasheet HTML 9Page - ATMEL Corporation TSC21020F-20MB-E Datasheet HTML 10Page - ATMEL Corporation TSC21020F-20MB-E Datasheet HTML 11Page - ATMEL Corporation TSC21020F-20MB-E Datasheet HTML 12Page - ATMEL Corporation TSC21020F-20MB-E Datasheet HTML 13Page - ATMEL Corporation TSC21020F-20MB-E Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
10
TSC21020F
4153H–AERO–04/07
program and data memory interfaces in a high impedance state. In addition, three-state
controls (DTMS and PMTS) allow an external device to place either the program or data
memory interface in a high impedance state without affecting the other interface and
without halting the TSC21020F unless it requires a memory access from the affected
interface. The three-state controls make it easy for an external cache controller to hold
the TSC21020F off the bus while it updates an external cache memory.
JTAG Test and Emulation
Support
The TSC21020F implements the boundary scan testing provisions specified by IEEE
Standard 1149.1 of the Joint Testing Action Group (JTAG). The TSC21020F's test
access port and On-chip JTAG circuitry is fully compliant with the IEEE 1149.1 specifi-
cation. The test access port enables boundary scan testing of circuitry connected to the
TSC21020F's I/O pins.
The TSC21020F also implements On-chip emulation through the JTAG test access port.
The processor's eight sets of breakpoint range registers enable program execution at
full speed until reaching a desired breakpoint address range. The processor can then
halt and allow reading/writing of all the processor's internal registers and external mem-
ories through the JTAG port.


Similar Part No. - TSC21020F-20MB-E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSC21020F ATMEL-TSC21020F_14 Datasheet
719Kb / 50P
   Off-Chip Harvard Architecture Maximizes Signal Processing Performance
More results

Similar Description - TSC21020F-20MB-E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21020 AD-ADSP-21020 Datasheet
422Kb / 32P
   32/40-Bit IEEE Floating-Point DSP Microprocessor
REV. C
logo
Texas Instruments
TMS320C6748 TI-TMS320C6748_1 Datasheet
2Mb / 254P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6742 TI-TMS320C6742 Datasheet
1Mb / 167P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI-TMS320C6748 Datasheet
2Mb / 242P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6746 TI-TMS320C6746 Datasheet
1Mb / 216P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI-TMS320C6748_2 Datasheet
2Mb / 254P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_16 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6746 TI1-TMS320C6746_14 Datasheet
1Mb / 248P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_17 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_14 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com