Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24750A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24750A
Description  Host-Controlled Multi-Chemistry Battery Charger with Low Iq and Integrated System Power Selector
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24750A Datasheet(HTML) 3 Page - Texas Instruments

  BQ24750A Datasheet HTML 1Page - Texas Instruments BQ24750A Datasheet HTML 2Page - Texas Instruments BQ24750A Datasheet HTML 3Page - Texas Instruments BQ24750A Datasheet HTML 4Page - Texas Instruments BQ24750A Datasheet HTML 5Page - Texas Instruments BQ24750A Datasheet HTML 6Page - Texas Instruments BQ24750A Datasheet HTML 7Page - Texas Instruments BQ24750A Datasheet HTML 8Page - Texas Instruments BQ24750A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
VREF
RAC
0.010 Ω
RSR
0.010 Ω
Q2 (ACFET)
SI4435
Q3(BATFET)
SI4435
P
P
ACN
ACP
/ACDRV
ACDET
/ACGOOD
SRSET
ACSET
VREF
CELLS
/CHGEN
VDAC
VADJ
ADC
IADAPT
HOST
PVCC
/BATDRV
HIDRV
PH
BTST
REGN
LODRV
PGND
SRP
SRN
P
PACK+
PACK-
SYSTEM
ADAPTER +
ADAPTER -
/ACGOOD
AGND
bq24750A
2.2 µF
C1
432 kΩ
1%
66.5 kΩ
1%
R1
R2
10 kΩ
R5
1 µF
C4
100 pF
C5
0.1 µF
C8
Q4
FDS6680A
Q5
FDS6680A
0.1 µF
C9
L1
8.2 µH
D1
BAT54
1 µF
C10
BAT
VREF
TS
PACK
THERMISTER
SENSE
5.6 kΩ
1%
R3
118 kΩ
1%
R4
/DPMDET
10 kΩ
R6
ACOP
Q1 (ACFET)
SI4435
10 µF
C6
C15
0.1 µF
C16
0.47 µF
0.1 µF
C2
C3
2 Ω
R10
0.1 µF
PowerPad
10 µF
C7
10 µF
C12
C14
0.1 µF
C13
0.1 µF
C11
10 µF
GPIO
VREF
VREF
100 kΩ
R8
66.5 kΩ
R9
100 kΩ
R7
43 kΩ
R11
VREF
REGN
PACKAGE THERMAL DATA
bq24750A
www.ti.com....................................................................................................................................................................................................... SLUS834 – JULY 2008
A.
VIN=20 V, VBAT = 3-cell Li-Ion, ICHARGE = 3 A, IADAPTER_LIMIT = 4 A, TBAT = 0-45°C
Figure 2. Typical System Schematic, Voltage and Current Programmed by Resistor
ORDERING INFORMATION
ORDERING NUMBER
PART NUMBER
PACKAGE
QUANTITY
(TAPE and REEL)
bq24750ARHDT
250
bq24750A
28-PIN 5 x 5 mm QFN
bq24750ARHDR
3000
over operating free-air temperature range (unless otherwise noted)
POWER RATING
DERATING FACTOR ABOVE
PACKAGE
θ
JA
TA = 70°C
TA = 70 °C
QFN – RHD(1)(2)
39 °C/W
2.36 W
0.028 W/°C
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
This data is based on using the JEDEC High-K board and the exposed die pad is connected to a Cu pad on the board. This is
connected to the ground plane by a 2x3 via matrix.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :bq24750A


Similar Part No. - BQ24750A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24750 TI-BQ24750 Datasheet
1Mb / 35P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
BQ24750 TI-BQ24750 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
BQ24750 TI1-BQ24750 Datasheet
1Mb / 39P
[Old version datasheet]   AC Overpower Protection
BQ24750RHDR TI-BQ24750RHDR Datasheet
1Mb / 35P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
BQ24750RHDR TI-BQ24750RHDR Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
More results

Similar Description - BQ24750A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24751B TI1-BQ24751B Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24753 TI-BQ24753 Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24750 TI-BQ24750 Datasheet
1Mb / 35P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
BQ24750 TI-BQ24750_07 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
BQ24751A TI-BQ24751A Datasheet
1Mb / 36P
[Old version datasheet]   Host-controlled Multi-Chemistry Battery Charger With System Power Selector, AC Over-Power Protection, Programmable OVP and Low Iq
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
BQ24751 TI-BQ24751 Datasheet
1Mb / 39P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with System Power Selector, AC Over-Power Protection, and Programmable OVP
BQ24740 TI-BQ24740 Datasheet
1Mb / 29P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
BQ24740 TI-BQ24740_07 Datasheet
1Mb / 32P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com