Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC21020F-20MC-E Datasheet(PDF) 11 Page - ATMEL Corporation

Part # TSC21020F-20MC-E
Description  Rad. Hard 32/40-bit IEEE Floating Point DSP
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSC21020F-20MC-E Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button TSC21020F-20MC-E Datasheet HTML 7Page - ATMEL Corporation TSC21020F-20MC-E Datasheet HTML 8Page - ATMEL Corporation TSC21020F-20MC-E Datasheet HTML 9Page - ATMEL Corporation TSC21020F-20MC-E Datasheet HTML 10Page - ATMEL Corporation TSC21020F-20MC-E Datasheet HTML 11Page - ATMEL Corporation TSC21020F-20MC-E Datasheet HTML 12Page - ATMEL Corporation TSC21020F-20MC-E Datasheet HTML 13Page - ATMEL Corporation TSC21020F-20MC-E Datasheet HTML 14Page - ATMEL Corporation TSC21020F-20MC-E Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
11
TSC21020F
4153H–AERO–04/07
Pin Descriptions
This section describes the pins of the TSC21020F. When groups of pins are identified
with subscripts, e.g. PMD47-0, the highest numbered pin is the MSB (in this case,
PMD47). Inputs identified as synchronous (S) must meet timing requirements with
respect to CLKIN (or with respect to TCK for TMS, TDI, and TRST). Those that are
asynchronous (A) can be asserted asynchronously to CLKIN.
Note:
O = Output; I = Input; S = Synchronous; A = Asynchronous; P = Power Supply; G =
Ground.
Pin Name
Type
Function
PMA
23-0
O
Program Memory Address. The TSC21020F outputs an address in
program memory on these pins.
PMD47-0
I/O
Program Memory Data. The TSC21020F inputs and outputs data and
instructions on these pins. 32-bit fixed-point data and 32-bit single-
precision floating-point data is transferred over bits 47-16 of the PMD
bus.
PMS
1-0
O
Program Memory Select lines. These pins are asserted as chip selects
for the corresponding banks of program memory. Memory banks must
be defined in the memory control registers. These pins are decoded
program memory address lines and provide an early indication of a
possible bus cycle.
PMRD
O
Program Memory Read strobe. This pin is asserted when the
TSC21020F reads from program memory.
PMWR
O
Program Memory Write strobe. This pin is asserted when the
TSC21020F writes to program memory.
PMACK
I/S
Program Memory Acknowledge. An external device de-asserts this
input to add wait states to a memory access.
PMPAGE
O
Program Memory Page Boundary. The TSC21020F asserts this pin to
signal that a program memory page boundary has been crossed.
Memory pages must be defined in the memory control registers.
PMTS
I/S
Program Memory Three-State Control. PMTS places the program
memory address, data, selects, and strobes in a high-impedance state.
If PMTS is asserted while a PM access is occurring, the processor will
halt and the memory access will not be completed. PMACK must be
asserted for at least one cycle when PMTS is de-asserted to allow any
pending memory access to complete properly. PMTS should only be
asserted (low) during an active memory access cycle.
DMA
31-0
O
Data Memory Address. The TSC21020F outputs an address in data
memory on these pins.
DMD
39-0
I/O
Data Memory Data. The TSC21020F inputs and outputs data on these
pins. 32-bit fixed-point data and 32-bit single-precision floating-point
data is transferred over bits 39-8 of the DMD bus.
DMS3-0
O
Data Memory Select lines. These pins are asserted as chip selects for
the corresponding banks of data memory. Memory banks must be
defined in the memory control registers. These pins are decoded data
memory address lines and provide an early indication of a possible bus
cycle.


Similar Part No. - TSC21020F-20MC-E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSC21020F ATMEL-TSC21020F_14 Datasheet
719Kb / 50P
   Off-Chip Harvard Architecture Maximizes Signal Processing Performance
More results

Similar Description - TSC21020F-20MC-E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21020 AD-ADSP-21020 Datasheet
422Kb / 32P
   32/40-Bit IEEE Floating-Point DSP Microprocessor
REV. C
logo
Texas Instruments
TMS320C6748 TI-TMS320C6748_1 Datasheet
2Mb / 254P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6742 TI-TMS320C6742 Datasheet
1Mb / 167P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI-TMS320C6748 Datasheet
2Mb / 242P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6746 TI-TMS320C6746 Datasheet
1Mb / 216P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI-TMS320C6748_2 Datasheet
2Mb / 254P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_16 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6746 TI1-TMS320C6746_14 Datasheet
1Mb / 248P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_17 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_14 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com