Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL12026AIBZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL12026AIBZ
Description  Real Time Clock/Calendar with I2C Bus??and EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12026AIBZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL12026AIBZ Datasheet HTML 1Page - Intersil Corporation ISL12026AIBZ Datasheet HTML 2Page - Intersil Corporation ISL12026AIBZ Datasheet HTML 3Page - Intersil Corporation ISL12026AIBZ Datasheet HTML 4Page - Intersil Corporation ISL12026AIBZ Datasheet HTML 5Page - Intersil Corporation ISL12026AIBZ Datasheet HTML 6Page - Intersil Corporation ISL12026AIBZ Datasheet HTML 7Page - Intersil Corporation ISL12026AIBZ Datasheet HTML 8Page - Intersil Corporation ISL12026AIBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
FN8231.8
October 28, 2008
EEPROM Specifications
PARAMETER
TEST CONDITIONS
MIN
(Note 12)
TYP
MAX
(Note 12)
UNITS
NOTES
EEPROM Endurance
>2,000,000
Cycles
EEPROM Retention
Temperature
≤ +75°C
50
Years
Serial Interface (I2C) Specifications
DC Electrical Specifications
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 12)
TYP
MAX
(Note 12)
UNITS
NOTES
VIL
SDA and SCL Input Buffer LOW
Voltage
-0.3
0.3xVDD
V
VIH
SDA and SCL Input Buffer HIGH
Voltage
0.7 x VDD
VDD + 0.3
V
Hysteresis SDA and SCL Input Buffer
Hysteresis
0.05 x VDD
V13
VOL
SDA Output Buffer LOW Voltage
IOL = 4mA
0
0.4
V
ILI
Input Leakage Current on SCL
VIN = 5.5V
100
nA
ILO
I/O Leakage Current on SDA
VIN = 5.5V
100
nA
AC Electrical Specifications
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 12)
TYP
MAX
(Note 12)
UNITS
NOTES
fSCL
SCL Frequency
400
kHz
tIN
Pulse width Suppression Time at
SDA and SCL Inputs
Any pulse narrower than the max
spec is suppressed.
50
ns
tAA
SCL Falling Edge to SDA Output
Data Valid
SCL falling edge crossing 30% of
VDD, until SDA exits the 30% to 70%
of VDD window.
900
ns
tBUF
Time the Bus Must be Free Before
the Start of a New Transmission
SDA crossing 70% of VDD during a
STOP condition, to SDA crossing
70% of VDD during the following
START condition.
1300
ns
tLOW
Clock LOW Time
Measured at the 30% of VDD
crossing.
1300
ns
tHIGH
Clock HIGH Time
Measured at the 70% of VDD
crossing.
600
ns
tSU:STA
START Condition Set-up Time
SCL rising edge to SDA falling edge.
Both crossing 70% of VDD.
600
ns
tHD:STA
START Condition Hold Time
From SDA falling edge crossing
30% of VDD to SCL falling edge
crossing 70% of VDD.
600
ns
tSU:DAT
Input Data Set-up Time
From SDA exiting the 30% to 70% of
VDD window, to SCL rising edge
crossing 30% of VDD.
100
ns
tHD:DAT
Input Data Hold Time
From SCL rising edge crossing 70%
of VDD to SDA entering the 30% to
70% of VDD window.
0ns
ISL12026, ISL12026A


Similar Part No. - ISL12026AIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12026AIBZ INTERSIL-ISL12026AIBZ Datasheet
560Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12026AIBZ RENESAS-ISL12026AIBZ Datasheet
1,002Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
More results

Similar Description - ISL12026AIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12025 INTERSIL-ISL12025 Datasheet
423Kb / 27P
   Real-Time Clock/Calendar with I2C Bus and EEPROM
ISL12029_1012 INTERSIL-ISL12029_1012 Datasheet
580Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12028 RENESAS-ISL12028 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028_10 Datasheet
584Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12028_1011 INTERSIL-ISL12028_1011 Datasheet
586Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026 INTERSIL-ISL12026_10 Datasheet
560Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12026 RENESAS-ISL12026 Datasheet
1,002Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12029 INTERSIL-ISL12029_10 Datasheet
580Kb / 30P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12025 RENESAS-ISL12025 Datasheet
1Mb / 28P
   Real-Time Clock/Calendar with I2C Bus??and EEPROM
ISL12029 RENESAS-ISL12029 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus™ and EEPROM
December 16, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com