Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9104IRUBZ-T Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL9104IRUBZ-T
Description  500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9104IRUBZ-T Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL9104IRUBZ-T Datasheet HTML 5Page - Intersil Corporation ISL9104IRUBZ-T Datasheet HTML 6Page - Intersil Corporation ISL9104IRUBZ-T Datasheet HTML 7Page - Intersil Corporation ISL9104IRUBZ-T Datasheet HTML 8Page - Intersil Corporation ISL9104IRUBZ-T Datasheet HTML 9Page - Intersil Corporation ISL9104IRUBZ-T Datasheet HTML 10Page - Intersil Corporation ISL9104IRUBZ-T Datasheet HTML 11Page - Intersil Corporation ISL9104IRUBZ-T Datasheet HTML 12Page - Intersil Corporation ISL9104IRUBZ-T Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
FN6829.3
July 9, 2009
Block Diagram
Theory of Operation
The ISL9104, ISL9104A is a step-down switching regulator
optimized for battery-powered handheld applications. The
regulator operates at typical 4.3MHz fixed switching
frequency under heavy load condition to allow small external
inductor and capacitors to be used for minimal printed-circuit
board (PCB) area. At light load, the regulator can
automatically enter the skip mode (PFM mode) to reduce the
switching frequency to minimize the switching loss and to
maximize the battery life. The quiescent current under skip
mode under no load and no switch condition is typically only
20µA. The supply current is typically only 0.05µA when the
regulator is disabled.
PWM Control Scheme
The ISL9104, ISL9104A uses the peak-current-mode
pulse-width modulation (PWM) control scheme for fast
transient response and pulse-by-pulse current limiting.
Figure 22 shows the circuit functional block diagram. The
current loop consists of the oscillator, the PWM comparator
COMP, current sensing circuit, and the slope compensation
for the current loop stability. The current sensing circuit
consists of the resistance of the P-Channel MOSFET when it
is turned on and the Current Sense Amplifier (CSA). The
control reference for the current loops comes from the Error
Amplifier (EAMP) of the voltage loop.
SW
+
CSA
+
+
OCP
VREF1
SKIP
+
X
SLOPE
COMP
SOF
T
STAR
T
SOFT-
START
VREF
EAMP
COMP
PWM/PFM
LOGIC
CONTROLLER
PROTECTION
DRIVER
FB
SHUTDOWN
VIN
GND
OSCILLATOR
ZERO-CROSS
SENSING
BLEEDING
FET
*NOTE
BANDGAP
SCP
+
EN
SHUTDOWN
100
Ω
VREF2
VREF3
*NOTE: FOR FIXED OUTPUT OPTIONS ONLY
FIGURE 22. FUNCTIONAL BLOCK DIAGRAM
NOTE: For Adjustable output version, the internal feedback resistor divider is disabled and the FB pin is directly connected
to the error amplifier.
ISL9104, ISL9104A


Similar Part No. - ISL9104IRUBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9104IRUBZ-T INTERSIL-ISL9104IRUBZ-T Datasheet
570Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous
logo
Renesas Technology Corp
ISL9104IRUBZ-T RENESAS-ISL9104IRUBZ-T Datasheet
730Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
More results

Similar Description - ISL9104IRUBZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9104 RENESAS-ISL9104 Datasheet
730Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Intersil Corporation
ISL9104 INTERSIL-ISL9104_11 Datasheet
570Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous
ISL9103 INTERSIL-ISL9103 Datasheet
336Kb / 13P
   500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Renesas Technology Corp
ISL9103 RENESAS-ISL9103 Datasheet
689Kb / 14P
   500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Semtech Corporation
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
   High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
logo
Monolithic Power System...
EV8756-D-00A MPS-EV8756-D-00A Datasheet
975Kb / 7P
   26V, 6A High Current, Low IQ Synchronous Buck Converter
EV8759-D-00A MPS-EV8759-D-00A Datasheet
473Kb / 7P
   26V, 8A High Current, Low IQ Synchronous Buck Converter
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
   High Efficiency 2A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com