Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27541DRZT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27541DRZT
Description  Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ27541DRZT Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ27541DRZT Datasheet HTML 5Page - Texas Instruments BQ27541DRZT Datasheet HTML 6Page - Texas Instruments BQ27541DRZT Datasheet HTML 7Page - Texas Instruments BQ27541DRZT Datasheet HTML 8Page - Texas Instruments BQ27541DRZT Datasheet HTML 9Page - Texas Instruments BQ27541DRZT Datasheet HTML 10Page - Texas Instruments BQ27541DRZT Datasheet HTML 11Page - Texas Instruments BQ27541DRZT Datasheet HTML 12Page - Texas Instruments BQ27541DRZT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
STANDARD DATA COMMANDS
bq27541
www.ti.com ........................................................................................................................................................................................... SLUS861 – DECEMBER 2008
The bq27541 uses a series of 2-byte standard commands to enable system reading and writing of battery
information. Each standard command has an associated command-code pair, as indicated in Table 1. Because
each command consists of two bytes of data, two consecutive I2C transmissions must be executed both to
initiate the command function, and to read or write the corresponding two bytes of data. Additional options for
transferring data, such as spooling, are described in Section I2C Interface. Standard commands are accessible
in NORMAL operation.
Table 1. Standard Commands
NAME
COMMAND CODE
UNITS
SEALED
ACCESS
Control( )
CNTL
0x00 / 0x01
N/A
R/W
AtRate( )
AR
0x02 / 0x03
mA
R/W
AtRateTimeToEmpty( )
ARTTE
0x04 / 0x05
Minutes
R
Temperature( )
TEMP
0x06 / 0x07
0.1K
R
Voltage( )
VOLT
0x08 / 0x09
mV
R
Flags( )
FLAGS
0x0a / 0x0b
N/A
R
NominalAvailableCapacity( )
NAC
0x0c / 0x0d
mAh
R
FullAvailableCapacity( )
FAC
0x0e / 0x0f
mAh
R
RemainingCapacity( )
RM
0x10 / 0x11
mAh
R
FullChargeCapacity( )
FCC
0x12 / 0x13
mAh
R
AverageCurrent( )
AI
0x14 / 0x15
mA
R
TimeToEmpty( )
TTE
0x16 / 0x17
Minutes
R
TimeToFull( )
TTF
0x18 / 0x19
Minutes
R
StandbyCurrent( )
SI
0x1a / 0x1b
mA
R
StandbyTimeToEmpty( )
STTE
0x1c / 0x1d
Minutes
R
MaxLoadCurrent( )
MLI
0x1e / 0x1f
mA
R
MaxLoadTimeToEmpty( )
MLTTE
0x20 / 0x21
Minutes
R
AvailableEnergy( )
AE
0x22 / 0x23
10 mWhr
R
AveragePower( )
AP
0x24 / 0x25
10 mW
R
TTEatConstantPower( )
TTECP
0x26 / 0x27
Minutes
R
Reserved
RSVD
0x28 / 0x29
N/A
R
CycleCount( )
CC
0x2a / 0x2b
Counts
R
StateOfCharge( )
SOC
0x2c / 0x2d
%
R
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): bq27541


Similar Part No. - BQ27541DRZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq27541DRZT-G1 TI1-bq27541DRZT-G1 Datasheet
659Kb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541DRZT-V200 TI-BQ27541DRZT-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541DRZT-V200 TI-BQ27541DRZT-V200 Datasheet
664Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541DRZT-V200 TI-BQ27541DRZT-V200 Datasheet
743Kb / 43P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541DRZT-V200 TI1-BQ27541DRZT-V200 Datasheet
1Mb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
More results

Similar Description - BQ27541DRZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27545-G1 TI1-BQ27545-G1 Datasheet
1Mb / 53P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge For Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-G1 TI1-BQ27541-G1 Datasheet
659Kb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27542-G1 TI1-BQ27542-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200_1004 TI-BQ27541-V200_1004 Datasheet
664Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI1-BQ27541-V200_17 Datasheet
1Mb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200_1007 TI-BQ27541-V200_1007 Datasheet
743Kb / 43P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27411-G1 TI1-BQ27411-G1 Datasheet
998Kb / 20P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27546-G1 TI1-BQ27546-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
REVISED DECEMBER 2015
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com