Electronic Components Datasheet Search |
|
XC6123E341EL Datasheet(PDF) 8 Page - Torex Semiconductor |
|
XC6123E341EL Datasheet(HTML) 8 Page - Torex Semiconductor |
8 / 23 page 8/23 XC6121/XC6122/XC6123/XC6124 Series PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNITS CIRCUIT Watchdog Minimum Pulse Width TWDIN VIN=6.0V, Apply pulse from 6.0V to 0V to the WD pin. 300 - - ns ⑥ Watchdog High Level Voltage VWDH VIN=VDFL x 1.1V ~ 6.0V VIN x 0.7 - 6 V ⑥ Watchdog Low Level Voltage VWDL VIN=VDFL x 1.1V ~ 6.0V 0 - VIN x 0.3 V ⑥ Watchdog Pull-down Resistance RWD VWD=6V, RWD=VWD/IWD 300 600 1000 k Ω ⑦ EN/ENB High Level Voltage VENH/VENBH VIN=VDFL x 1.1V ~ 6.0V 1.3 - VIN V ⑧ EN/ENB Low Level Voltage VENL/VENBL VIN=VDFL x 1.1V ~ 6.0V 0 - 0.35 V ⑧ EN Pull-up Resistance (*2) REN VIN=6.0V, EN=0V, REN=VIN / IEN ENB Pull-down Resistance (*3) RENB VIN=6.0V, ENB=6V, RENB=VIN / IENB 1.0 1.6 2.4 M Ω ⑨ NOTE: *: In case where no EN/ENB pin’s condition written in the test condition field, EN=VIN and ENB=VSS. **: VDFL(T)=Setting detect voltage value *1: The condition when the watchdog pin is ON. The EN/ENB pin is CMOS input. For the XC6122 (pull-up resistor) and XC6124 (pull-down resistor), supply current increases in the following values when the watchdog function is OFF. XC6122 Series:(VIN-VEHL)/1.6MΩ(TYP) XC6124 Series:VEHBH/1.6MΩ(TYP) *2: For the XC6122 series only. *3: For the XC6124 series only. ■ELECTRICAL CHARACTERISTICS (Continued) Ta = 25 OC |
Similar Part No. - XC6123E341EL |
|
Similar Description - XC6123E341EL |