Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD1794 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1794
Description  70-V Fault-Protected RS-485 Transceiver With Cable Invert
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD1794 Datasheet(HTML) 5 Page - Texas Instruments

  SN65HVD1794 Datasheet HTML 1Page - Texas Instruments SN65HVD1794 Datasheet HTML 2Page - Texas Instruments SN65HVD1794 Datasheet HTML 3Page - Texas Instruments SN65HVD1794 Datasheet HTML 4Page - Texas Instruments SN65HVD1794 Datasheet HTML 5Page - Texas Instruments SN65HVD1794 Datasheet HTML 6Page - Texas Instruments SN65HVD1794 Datasheet HTML 7Page - Texas Instruments SN65HVD1794 Datasheet HTML 8Page - Texas Instruments SN65HVD1794 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SWITCHING CHARACTERISTICS
SN65HVD1794, SN65HVD1795
SN65HVD1796
www.ti.com ................................................................................................................................................................................................. SLLS935 – AUGUST 2008
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DRIVER (HVD1794)
tr, tf
Driver differential output rise/fall time
0.4
1.7
2.6
µs
tPHL, tPLH
Driver propagation delay
0.8
2
µs
RL = 54 Ω, CL = 50 pF, See Figure 4
Driver differential output pulse skew,
tSK(P)
20
250
ns
|tPHL – tPLH|
tPHZ, tPLZ
Driver disable time
See Figure 5 and Figure 6
0.1
5
µs
tPZH, tPZL
Driver enable time
0.2
3
µs
DRIVER (HVD1795)
tr, tf
Driver differential output rise/fall time
50
300
ns
tPHL, tPLH
Driver propagation delay
200
ns
RL = 54 Ω, CL = 50 pF, See Figure 4
Driver differential output pulse skew,
tSK(P)
25
ns
|tPHL – tPLH|
tPHZ, tPLZ
Driver disable time
See Figure 5 and Figure 6
3
µs
tPZH, tPZL
Driver enable time
500
ns
DRIVER (HVD1796)
tr, tf
Driver differential output rise/fall time
3
30
ns
tPHL, tPLH
Driver propagation delay
50
ns
RL = 54 Ω, CL = 50 pF, See Figure 4
Driver differential output pulse skew,
tSK(P)
10
ns
|tPHL – tPLH|
tPHZ, tPLZ
Driver disable time
See Figure 5 and Figure 6
3
µs
tPZH, tPZL
Driver enable time
500
ns
RECEIVER (ALL DEVICES UNLESS OTHERWISE NOTED)
tr, tf
Receiver output rise/fall time
4
15
ns
94, 95
100
200
tPHL, tPLH
Receiver propagation delay time
ns
CL = 15 pF, See Figure 7
96
70
94, 95
6
20
Receiver output pulse skew,
tSK(P)
ns
|tPHL – tPLH|
96
5
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN65HVD1794, SN65HVD1795 SN65HVD1796


Similar Part No. - SN65HVD1794

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1794 TI-SN65HVD1794 Datasheet
899Kb / 18P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver With Cable Invert
SN65HVD1794D TI-SN65HVD1794D Datasheet
899Kb / 18P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver With Cable Invert
SN65HVD1794P TI-SN65HVD1794P Datasheet
899Kb / 18P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver With Cable Invert
More results

Similar Description - SN65HVD1794

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1794P TI-SN65HVD1794P Datasheet
899Kb / 18P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver With Cable Invert
SN65HVD1781 TI-SN65HVD1781 Datasheet
509Kb / 16P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver
SN65HVD1785 TI-SN65HVD1785 Datasheet
668Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SU65HVD1785 TI-SU65HVD1785 Datasheet
676Kb / 21P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1780 TI-SN65HVD1780 Datasheet
514Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_10 Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
ISL31480E INTERSIL-ISL31480E_11 Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL31483E RENESAS-ISL31483E Datasheet
1Mb / 18P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
ISL32483E RENESAS-ISL32483E Datasheet
983Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
logo
Texas Instruments
SN65HVD1780_0809 TI-SN65HVD1780_0809 Datasheet
553Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com