Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD1794 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1794
Description  70-V Fault-Protected RS-485 Transceiver With Cable Invert
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD1794 Datasheet(HTML) 3 Page - Texas Instruments

  SN65HVD1794 Datasheet HTML 1Page - Texas Instruments SN65HVD1794 Datasheet HTML 2Page - Texas Instruments SN65HVD1794 Datasheet HTML 3Page - Texas Instruments SN65HVD1794 Datasheet HTML 4Page - Texas Instruments SN65HVD1794 Datasheet HTML 5Page - Texas Instruments SN65HVD1794 Datasheet HTML 6Page - Texas Instruments SN65HVD1794 Datasheet HTML 7Page - Texas Instruments SN65HVD1794 Datasheet HTML 8Page - Texas Instruments SN65HVD1794 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
PACKAGE DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
SN65HVD1794, SN65HVD1795
SN65HVD1796
www.ti.com ................................................................................................................................................................................................. SLLS935 – AUGUST 2008
VALUE
UNIT
VCC
Supply voltage
–0.5 to 7
V
Voltage range at A and B pins
–70 to 70
V
Input voltage range at any logic pin
–0.3 to VCC + 0.3
V
Voltage input range, transient pulse, A and B, through 100
–100 to 100
V
Receiver output current
–24 to 24
mA
TJ
Junction temperature
170
°C
Continuous total power dissipation
See Dissipation Rating Table
IEC 60749-26 ESD (human-body model), bus terminals and GND
±16
kV
JEDEC Standard 22, Test Method A114 (human-body model), bus terminals and GND
±16
kV
JEDEC Standard 22, Test Method A114 (human-body model), all pins
±4
kV
JEDEC Standard 22, Test Method C101 (charged-device model), all pins
±2
kV
JEDEC Standard 22, Test Method A115 (machine model), all pins
±400
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
JEDEC THERMAL
TA < 25°C
DERATING FACTOR
TA = 85°C
TA = 105°C
PACKAGE
MODEL
RATING
ABOVE TA = 25°C
RATING
RATING
High-K
905 mW
7.25 mW/°C
470 mW
325 mW
SOIC (D) 8-pin
Low-K
516 mW
4.1 mW/°C
268 mW
186 mW
High-K
2119 mW
16.9 mW/°C
1100 mW
763 mW
PDIP (P) 8-pin
Low-K
976 mW
7.8 mW/°C
508 mW
352 mW
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VI
Input voltage at any bus terminal (separately or common mode)(1)
–20
25
V
VIH
High-level input voltage (driver, driver enable, and invert inputs)
2
VCC
V
VIL
Low-level input voltage (driver, driver enable, and invert inputs)
0
0.8
V
VID
Differential input voltage
–25
25
V
Output current, driver
–60
60
mA
IO
Output current, receiver
–8
8
mA
RL
Differential load resistance
54
60
CL
Differential load capacitance
50
pF
HVD1794
115
kbps
1/tUI
Signaling rate
HVD1795
1
Mbps
HVD1796
10
TA
Operating free-air temperature (See application section for thermal information)
–40
105
°C
TJ
Junction temperature
–40
150
°C
(1)
By convention, the least positive (most negative) limit is designated as minimum in this data sheet.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN65HVD1794, SN65HVD1795 SN65HVD1796


Similar Part No. - SN65HVD1794

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1794 TI-SN65HVD1794 Datasheet
899Kb / 18P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver With Cable Invert
SN65HVD1794D TI-SN65HVD1794D Datasheet
899Kb / 18P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver With Cable Invert
SN65HVD1794P TI-SN65HVD1794P Datasheet
899Kb / 18P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver With Cable Invert
More results

Similar Description - SN65HVD1794

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1794P TI-SN65HVD1794P Datasheet
899Kb / 18P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver With Cable Invert
SN65HVD1781 TI-SN65HVD1781 Datasheet
509Kb / 16P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver
SN65HVD1785 TI-SN65HVD1785 Datasheet
668Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SU65HVD1785 TI-SU65HVD1785 Datasheet
676Kb / 21P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1780 TI-SN65HVD1780 Datasheet
514Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_10 Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
ISL31480E INTERSIL-ISL31480E_11 Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL31483E RENESAS-ISL31483E Datasheet
1Mb / 18P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
ISL32483E RENESAS-ISL32483E Datasheet
983Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
logo
Texas Instruments
SN65HVD1780_0809 TI-SN65HVD1780_0809 Datasheet
553Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com