Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD1794DR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1794DR
Description  70-V Fault-Protected RS-485 Transceiver With Cable Invert
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD1794DR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65HVD1794DR Datasheet HTML 3Page - Texas Instruments SN65HVD1794DR Datasheet HTML 4Page - Texas Instruments SN65HVD1794DR Datasheet HTML 5Page - Texas Instruments SN65HVD1794DR Datasheet HTML 6Page - Texas Instruments SN65HVD1794DR Datasheet HTML 7Page - Texas Instruments SN65HVD1794DR Datasheet HTML 8Page - Texas Instruments SN65HVD1794DR Datasheet HTML 9Page - Texas Instruments SN65HVD1794DR Datasheet HTML 10Page - Texas Instruments SN65HVD1794DR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
V
OD
RL =54
1%
W
±
50 W
t
PLH
t
PHL
50%
50%
3V
» 2V
» –2V
90%
10%
0V
V
I
V
OD
t
r
t
f
C =50pF 20%
L
±
C IncludesFixture
andInstrumentation
Capacitance
L
D
A
B
DE
V
CC
V
I
Input
Generator
90%
0V
10%
Note:V issolidlinewhenINV=LO,
V isdashedwhenINV=HI
I
I
0.5V
3V
0V
V
OH
» 0V
t
PHZ
t
PZH
50%
50%
V
I
V
O
50%
90%
R =110
L
W
± 1%
Input
Generator
50 W
3V
S1
C =50pF
L
±20%
C IncludesFixture
L
andInstrumentation
Capacitance
D
A
B
DE
V
O
V
I
S0304-01
Input
Generator
50 W
3V
V
O
S1
3V
50%
50%
50%
t
PZL
t
PLZ
10%
» 3V
0V
V
OL
V
I
V
O
R =110
L
W
±1%
CL =50pF ±20%
C IncludesFixture
L
andInstrumentation
Capacitance
D
A
B
DE
V
I
» 3V
S0305-01
SN65HVD1794, SN65HVD1795
SN65HVD1796
www.ti.com ................................................................................................................................................................................................. SLLS935 – AUGUST 2008
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 4. Measurement of Driver Differential Output Rise and Fall Times and Propagation Delays
NOTE: D at 3 V to test non-inverting output, D at 0 V to test inverting output.
Figure 5. Measurement of Driver Enable and Disable Times With Active High Output and Pulldown Load
NOTE: D at 0 V to test non-inverting output, D at 3 V to test inverting output.
Figure 6. Measurement of Driver Enable and Disable Times With Active-Low Output and Pullup Load
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN65HVD1794, SN65HVD1795 SN65HVD1796


Similar Part No. - SN65HVD1794DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1794D TI-SN65HVD1794D Datasheet
899Kb / 18P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver With Cable Invert
More results

Similar Description - SN65HVD1794DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1794P TI-SN65HVD1794P Datasheet
899Kb / 18P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver With Cable Invert
SN65HVD1781 TI-SN65HVD1781 Datasheet
509Kb / 16P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver
SN65HVD1785 TI-SN65HVD1785 Datasheet
668Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SU65HVD1785 TI-SU65HVD1785 Datasheet
676Kb / 21P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1780 TI-SN65HVD1780 Datasheet
514Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_10 Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
ISL31480E INTERSIL-ISL31480E_11 Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL31483E RENESAS-ISL31483E Datasheet
1Mb / 18P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
ISL32483E RENESAS-ISL32483E Datasheet
983Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
logo
Texas Instruments
SN65HVD1780_0809 TI-SN65HVD1780_0809 Datasheet
553Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com