Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD1794DR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1794DR
Description  70-V Fault-Protected RS-485 Transceiver With Cable Invert
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD1794DR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65HVD1794DR Datasheet HTML 6Page - Texas Instruments SN65HVD1794DR Datasheet HTML 7Page - Texas Instruments SN65HVD1794DR Datasheet HTML 8Page - Texas Instruments SN65HVD1794DR Datasheet HTML 9Page - Texas Instruments SN65HVD1794DR Datasheet HTML 10Page - Texas Instruments SN65HVD1794DR Datasheet HTML 11Page - Texas Instruments SN65HVD1794DR Datasheet HTML 12Page - Texas Instruments SN65HVD1794DR Datasheet HTML 13Page - Texas Instruments SN65HVD1794DR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ADDITIONAL OPTIONS
R
RE
DE
D
V
CC
B
A
GND
DPackage
(TopView)
1
2
3
4
8
7
6
5
P0066-03
S0309-01
1
2
3
4
6
7
A
B
R
RE
DE
D
1
2
3
4
8
7
6
5
V
CC
R
D
GND
A
B
Z
Y
PWPackage
(TopView)
P0074-01
2
3
8
6
5
7
A
Z
Y
B
R
D
S0310-01
SN65HVD1794, SN65HVD1795
SN65HVD1796
SLLS935 – AUGUST 2008 ................................................................................................................................................................................................. www.ti.com
The SN65HVD17xx family also has options for J1708 applications, for always-enabled full-duplex versions
(industry-standard SN65LBC179 footprint) and for inverting-polarity versions, which allow users to correct a
reversal of the bus wires without re-wiring. Contact your local Texas Instruments representative for information
on these options.
PART NUMBER
SN65HVD17xx
FOOTPRINT/FUNCTION
SLOW
MEDIUM
FAST
Half-duplex (176 pinout)
85
86
87
Full-duplex no enables (179 pinout)
88
89
90
Full-duplex with enables (180 pinout)
91
92
93
Half-duplex with cable invert
94
95
96
Full-duplex with cable invert and enables
97
98
99
J1708
08
09
10
Figure 12. SN65HVD1708E Transceiver for J1708 Applications
Figure 13. SN65HVD17xx Always-Enabled Driver Receiver
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN65HVD1794, SN65HVD1795 SN65HVD1796


Similar Part No. - SN65HVD1794DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1794D TI-SN65HVD1794D Datasheet
899Kb / 18P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver With Cable Invert
More results

Similar Description - SN65HVD1794DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1794P TI-SN65HVD1794P Datasheet
899Kb / 18P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver With Cable Invert
SN65HVD1781 TI-SN65HVD1781 Datasheet
509Kb / 16P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver
SN65HVD1785 TI-SN65HVD1785 Datasheet
668Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SU65HVD1785 TI-SU65HVD1785 Datasheet
676Kb / 21P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1780 TI-SN65HVD1780 Datasheet
514Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_10 Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
ISL31480E INTERSIL-ISL31480E_11 Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL31483E RENESAS-ISL31483E Datasheet
1Mb / 18P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
ISL32483E RENESAS-ISL32483E Datasheet
983Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
logo
Texas Instruments
SN65HVD1780_0809 TI-SN65HVD1780_0809 Datasheet
553Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com