Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVCP15PWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVCP15PWR
Description  Link Replicator for Fibre Channel, Gigabit Ethernet, and HDTV Data Rates
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVCP15PWR Datasheet(HTML) 4 Page - Texas Instruments

  SN65LVCP15PWR Datasheet HTML 1Page - Texas Instruments SN65LVCP15PWR Datasheet HTML 2Page - Texas Instruments SN65LVCP15PWR Datasheet HTML 3Page - Texas Instruments SN65LVCP15PWR Datasheet HTML 4Page - Texas Instruments SN65LVCP15PWR Datasheet HTML 5Page - Texas Instruments SN65LVCP15PWR Datasheet HTML 6Page - Texas Instruments SN65LVCP15PWR Datasheet HTML 7Page - Texas Instruments SN65LVCP15PWR Datasheet HTML 8Page - Texas Instruments SN65LVCP15PWR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PACKAGE INFORMATION – PIN DIAGRAM
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VDDP0
OE0
MUX
VSS
IN+
IN-
VSS
OE1
VDD
VDDP
OUT+
OUT-
VDDP
VSS
OUT0+
OUT0-
VDDP0
VSS
IN0+
IN0-
VDDP1
OUT1+
OUT1-
VDDP1
IN1+
IN1-
MUX0
MUX1
SN65LVCP15
(TOP VIEW)
MOISTURE SENSITIVITY LEVEL
SN65LVCP15
SLLS875A – OCTOBER 2008 – REVISED NOVEMBER 2008........................................................................................................................................... www.ti.com
PIN FUNCTIONS
PIN
TYPE
LEVEL
DESCRIPTION
NO.
NAME
5, 6
IN+, IN–
24, 23
IN0+, IN0–
I
PECL
Differential (biased to VDD/2) High-speed serial inputs
18, 17
IN1+, IN1–
11, 12
OUT+, OUT–
28, 27
OUT0+, OUT0–
O
PECL
Differential high-speed serial outputs
21, 20
OUT1+, OUT1–
2
OE0
OE0/OE1 enables OUT0/OUT1 when HIGH. When LOW, OUTx is powered down and both
I
TTL
OUTx+ and OUTx– float HIGH.
8
OE1
3
MUX
I
TTL
Determines source of OUT. Selects either IN0 (LOW) or IN1 (HIGH).
15
MUX1
I
TTL
Determines source of OUT1. Selects either IN (HIGH) or IN0 (LOW).
16
MUX0
I
TTL
Determines source of OUT0. Selects either IN (LOW) or IN1 (HIGH).
9
VDD
Pwr
3.3 V power supply for digital logic
10, 13
VDDP
High-speed output power supply: 3.3 V supply for PECL drivers. VDDP0 is for OUT0, VDDP
1, 26
VDDP0
Pwr
is for OUT, and VDDP1 is for OUT1.
19, 22
VDDP1
4, 7
VSS
Pwr
Ground
14, 25
This device is rated moisture sensitivity level 3 or better as specified in the joint IPC and JEDEC standard
IPC/JEDEC J-STD-020. For more information, see the IPC and JEDEC standards.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN65LVCP15


Similar Part No. - SN65LVCP15PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP15 TI1-SN65LVCP15 Datasheet
216Kb / 12P
[Old version datasheet]   Link Replicator for Fibre Channel, Gigabit Ethernet, and HDTV Data Rates
SN65LVCP15 TI1-SN65LVCP15_14 Datasheet
216Kb / 12P
[Old version datasheet]   Link Replicator for Fibre Channel, Gigabit Ethernet, and HDTV Data Rates
More results

Similar Description - SN65LVCP15PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP15 TI1-SN65LVCP15_14 Datasheet
216Kb / 12P
[Old version datasheet]   Link Replicator for Fibre Channel, Gigabit Ethernet, and HDTV Data Rates
logo
Vitesse Semiconductor C...
VSC7132-01 VITESSE-VSC7132-01 Datasheet
94Kb / 2P
   Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
VSC7132 VITESSE-VSC7132 Datasheet
101Kb / 8P
   Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
logo
ON Semiconductor
NB4N7132 ONSEMI-NB4N7132_11 Datasheet
149Kb / 6P
   Link Replicator for Fibre Channel, Gigabit Ethernet HDTV and SATA
July, 2011 ??Rev. 1
NB4N7132 ONSEMI-NB4N7132 Datasheet
103Kb / 6P
   Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
February, 2008 - Rev. 0
NB4N1158 ONSEMI-NB4N1158 Datasheet
102Kb / 8P
   Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
December, 2007 - Rev. 0
logo
Micrel Semiconductor
SY897132L MICREL-SY897132L_11 Datasheet
306Kb / 10P
   1.5Gbps Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
SY897132L MICREL-SY897132L Datasheet
266Kb / 10P
   1.5Gbps Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
logo
Vitesse Semiconductor C...
VSC7182 VITESSE-VSC7182 Datasheet
233Kb / 18P
   Quad Transceiver for Gigabit Ethernet and Fibre Channel
logo
MRV Communications, Inc...
SFP-G-MMX MRV-SFP-G-MMX Datasheet
43Kb / 1P
   Gigabit Ethernet and Fibre Channel SFPs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com