Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDGE646 Datasheet(PDF) 6 Page - Semtech Corporation

Part # EDGE646
Description  Pin Electronics Driver, Window Comparator, and Switch Matrix
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

EDGE646 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button EDGE646 Datasheet HTML 2Page - Semtech Corporation EDGE646 Datasheet HTML 3Page - Semtech Corporation EDGE646 Datasheet HTML 4Page - Semtech Corporation EDGE646 Datasheet HTML 5Page - Semtech Corporation EDGE646 Datasheet HTML 6Page - Semtech Corporation EDGE646 Datasheet HTML 7Page - Semtech Corporation EDGE646 Datasheet HTML 8Page - Semtech Corporation EDGE646 Datasheet HTML 9Page - Semtech Corporation EDGE646 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
Revision 2 / October 21, 2002
www .semtech.com
TEST AND MEASUREMENT PRODUCTS
Edge646
Application Information
PRELIMINARY
Power Supplies Decoupling
A .1
µF capacitor is recommended between VCC and VEE.
In addition, solid VCC and VEE planes are recommended
to provide a low inductance path for the power supply
currents. These planes will reduce any inductive supply
drops associated with swtiching currents on the power
supply pins. If solid planes are not possible, then wide
power busses are preferable.
VH, VL, and VTT Decoupling
As the VH, VL, and VTT inputs are unbuffered and must
supply the driver output current, decoupling capacitors for
these inputs are recommended in proportion to the amount
of output current the application requires. In general, a
surge current of 50 mA (5V swings series terminated with
50 Ohms into a 50 Ohm transmission line) are the maxi-
mum dynamic output currents the driver should see. The
decoupling capacitors should be able to provide this cur-
rent for the duration of the round trip time between the
pin electronics and the DUT, and then recharge themselves
before the next such transition would occur. Once this
condition is satisfied, the VH, VL, and VTT supply voltages
are more responsible for establishing the DC levels asso-
ciated with each function and recharging the capacitors,
rather than providing the actual dynamic currents required
to drive the DUT transmission line.
Ideally, VH, VL, and VTT would each have a dedicated power
layer on the PC board for the lowest possible inductance
power supply distribution.
VCC
VEE
1N5820 or
Equivalent
Power Supplies
The Edge646 uses two power supplies for circuit opera-
tion; VCC and VEE. In order to protect the Edge646 and
avoid damaging it, the following power supply requirements
must be satisifed at all times:
VEE
≤ All Inputs ≤ VCC
The sequence below can be used as a guideline when
operating the Edge646:
Power-On Sequencing
Power-Off Sequencing
1. VCC (substrate)
1. Inputs
2. VEE
2. VEE
3. Inputs
3. VCC
The two diode configuration shown in Figure 3 should be
used on a once-per-board basis to ensure power supply
sequence and fault tolerance.
Figure 3. Power Supply Protection Scheme
Warning: It is extremely important that the voltage
on any device pin does not exceed the range of VEE
–0.5V to VCC +0.5V at any time, either during power
up, normal operation, or during power down. Failure
to adhere to this requirement could result in latchup
of the device, which could be destructive if the sys-
tem power supplies are capable of supplying large
amounts of current. Even if the device is not imme-
diately destroyed, the cumulative damage caused by
the stress of repeated latchup may affect device re-
liability.


Similar Part No. - EDGE646

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EDGE646 SEMTECH-EDGE646 Datasheet
135Kb / 13P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
More results

Similar Description - EDGE646

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
E646ATF SEMTECH-E646ATF Datasheet
135Kb / 13P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
EDGE647 SEMTECH-EDGE647 Datasheet
96Kb / 13P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
E647ATF SEMTECH-E647ATF Datasheet
137Kb / 13P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
E7804 SEMTECH-E7804 Datasheet
692Kb / 41P
   133 MHZ Quad Pin Electronics Driver and Window Comparator
E818AHF SEMTECH-E818AHF Datasheet
87Kb / 12P
   Octal 18V Pin Electronics Driver/window Comparator
logo
Intersil Corporation
ISL55100A INTERSIL-ISL55100A Datasheet
497Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
ISL55100AIRZ INTERSIL-ISL55100AIRZ Datasheet
583Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
ISL55100BIRZ INTERSIL-ISL55100BIRZ Datasheet
535Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
logo
Renesas Technology Corp
ISL55100A RENESAS-ISL55100A Datasheet
886Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
ISL55100B RENESAS-ISL55100B Datasheet
853Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com