Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP378 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MKP378
Description  AC and Pulse metallized polypropylene film capacitor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP378 Datasheet(HTML) 2 Page - Vishay Siliconix

  MKP378_06 Datasheet HTML 1Page - Vishay Siliconix MKP378_06 Datasheet HTML 2Page - Vishay Siliconix MKP378_06 Datasheet HTML 3Page - Vishay Siliconix MKP378_06 Datasheet HTML 4Page - Vishay Siliconix MKP378_06 Datasheet HTML 5Page - Vishay Siliconix MKP378_06 Datasheet HTML 6Page - Vishay Siliconix MKP378_06 Datasheet HTML 7Page - Vishay Siliconix MKP378_06 Datasheet HTML 8Page - Vishay Siliconix MKP378_06 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Doc. No: HQN-384-17/102
Rev. : W
Iss. Date: 2006-10-16
BCcomponents
Film Capacitors
METALLIZED POLYPROPYLENE FILM
AC AND PULSE CAPACITOR
MKP 378 MKP/MKP378
MKP AND MKP/MKP RADIAL POTTED TYPE
Page 2 of 19
HQN-384-17/102 MKP378-MKPMKP378 prod spec Eng.doc
AC and Pulse Metallized Polypropylene Film Capacitors
MKP and MKP/MKP Radial Potted Type
APPLICATIONS
Where steep pulses occur e.g. SMPS (switch mode power
supplies). Motor control circuits. S-correction. It is not advised to
use these products as resonance capacitors in fly-back
applications
MARKING
C-value; tolerance; rated voltage; manufacturer’s type
designation; code for dielectric material; manufacturer’s emblem;
code for factory of origin; year and week of manufacture
DIELECTRIC
Polypropylene film
ELECTRODES
Metallized film
ENCAPSULATION
Flame retardant plastic case and epoxy resin
(UL-class 94 V-0)
CONSTRUCTION
Internal serial construction
LEADS
Tinned wire
CAPACITANCE RANGE (E24 SERIES)
MKP: 0.18 to 3.3 µF
MKP/MKP: 0.003 to 0.68 µF
CAPACITANCE TOLERANCE
±5%
RATED (DC)VOLTAGE
MKP: 250V; 400V
MKP/MKP: 630V; 1000V; 1600V; 2000V
RATED (AC) VOLTAGE
MKP: 160V; 200V
MKP/MKP: 300V; 400V; 500V; 600V
RATED PEAK-TO-PEAK VOLTAGE
MKP: 450V; 560V
MKP/MKP: 850V; 1130V; 1400V; 1700V
168x12(halfpage)
l
w
P
±0.4
Ødt
h
lt
CBB817
CLIMATIC CATEGORY
55/085/56
RATED (DC) TEMPERATURE
85 °C
RATED (AC) TEMPERATURE
70 °C
MAXIMUM APPLICATION TEMPERATURE
85 °C
REFERENCE SPECIFICATIONS
IEC 60384-17
PERFORMANCE GRADE
Grade 1 (long life)
STABILITY GRADE
Pitch 15 mm: grade 2
Pitch 22.5 and 27.5 mm: grade 1
FEATURES
15.0 to 27.5 mm pitch.
Supplied loose in box, taped on reel
RoHS compliant
DETAIL INSPECTION AND TEST REQUIREMENTS
See Technical Product Documentation sheet 191.
Pb
Pb-free
e3


Similar Part No. - MKP378_06

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP378 VISHAY-MKP378 Datasheet
115Kb / 9P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type
Revision: 21-Nov-05
More results

Similar Description - MKP378_06

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
logo
List of Unclassifed Man...
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
List of Unclassifed Man...
CBB60 ETC-CBB60 Datasheet
194Kb / 2P
   Metallized Polypropylene Film AC Motor Capacitor
Ver. 2005
logo
Vishay Siliconix
MKP1839HQ VISHAY-MKP1839HQ Datasheet
126Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 21-Apr-10
MKP1839HQ VISHAY-MKP1839HQ_12 Datasheet
133Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 21-Dec-15
MKP1839 VISHAY-MKP1839_08 Datasheet
126Kb / 11P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 22-Oct-08
MKP1839 VISHAY-MKP1839_12 Datasheet
129Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 10-Dec-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com