Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC03-6 Datasheet(PDF) 2 Page - Semtech Corporation

Part # LC03-6
Description  Low Capacitance TVS for High-Speed Data Interfaces
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LC03-6 Datasheet(HTML) 2 Page - Semtech Corporation

  LC03-6_08 Datasheet HTML 1Page - Semtech Corporation LC03-6_08 Datasheet HTML 2Page - Semtech Corporation LC03-6_08 Datasheet HTML 3Page - Semtech Corporation LC03-6_08 Datasheet HTML 4Page - Semtech Corporation LC03-6_08 Datasheet HTML 5Page - Semtech Corporation LC03-6_08 Datasheet HTML 6Page - Semtech Corporation LC03-6_08 Datasheet HTML 7Page - Semtech Corporation LC03-6_08 Datasheet HTML 8Page - Semtech Corporation LC03-6_08 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
 2008 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
LC03-6
Absolute Maximum Rating
Electrical Characteristics
g
n
i
t
a
Rl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
t
(
r
e
w
o
P
e
s
l
u
P
k
a
e
P
p
)
s
µ
0
2
/
8
=P
k
p
0
0
0
2s
t
t
a
W
t
(
t
n
e
r
r
u
C
e
s
l
u
P
k
a
e
P
p
)
s
µ
0
2
/
8
=I
P
P
0
0
1A
e
r
u
t
a
r
e
p
m
e
T
g
n
ir
e
d
l
o
S
d
a
e
LT
L
).
c
e
s
0
1
(
0
6
2C
°
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
OT
J
5
2
1
+
o
t
5
5
-C
°
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
5
-C
°
6
-
3
0
C
L
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
e
g
a
tl
o
V
f
f
O
-
d
n
a
t
S
e
s
r
e
v
e
RV
M
W
R
6V
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV
R
B
I
t
A
m
1
=8
.
6V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
R
V
M
W
R
C
°
5
2
=
T
,
V
6
=5
2A
µ
e
g
a
tl
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
t
,
A
0
5
=
p
s
µ
0
2
/
8
=
d
n
u
o
r
G
-
o
t-
e
n
i
L
5
1V
e
g
a
tl
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
t
,
A
0
0
1
=
p
s
µ
0
2
/
8
=
d
n
u
o
r
G
-
o
t-
e
n
i
L
0
2V
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
JC
j
d
n
a
s
n
i
p
O
/
I
n
e
e
w
t
e
B
d
n
u
o
r
G
V
R
z
H
M
1
=
f
,
V
0
=
6
15
2F
p
s
n
i
p
O
/
I
n
e
e
w
t
e
B
V
R
z
H
M
1
=
f
,
V
0
=
82
1F
p


Similar Part No. - LC03-6_08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC03-6R2 ONSEMI-LC03-6R2 Datasheet
54Kb / 6P
   Low Capacitance Surface Mount TVS for High-Speed Data Interfaces
January, 2004 ??Rev. 3
LC03-6R2 ONSEMI-LC03-6R2 Datasheet
216Kb / 2P
   Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
LC03-6R2G ONSEMI-LC03-6R2G Datasheet
85Kb / 5P
   Low Capacitance Surface Mount TVS for High-Speed Data Interfaces
June, 2007 - Rev. 4
logo
Semtech Corporation
LC03-6TB SEMTECH-LC03-6TB Datasheet
237Kb / 9P
   Low Capacitance Surface Mount TVS for High-Speed Data Interfaces
LC03-6TB SEMTECH-LC03-6TB Datasheet
288Kb / 11P
   Low Capacitance TVS for High-Speed Data Interfaces
More results

Similar Description - LC03-6_08

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LC03-6 SEMTECH-LC03-6_13 Datasheet
288Kb / 11P
   Low Capacitance TVS for High-Speed Data Interfaces
logo
Shanghai Leiditech Elec...
LC24DT3 LEIDITECH-LC24DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
logo
Semtech Corporation
SL05 SEMTECH-SL05_04 Datasheet
158Kb / 7P
   Low Capacitance TVS Diode For High Speed Data Interfaces
SL05 SEMTECH-SL05 Datasheet
167Kb / 7P
   Low Capacitance TVS Diode For High Speed Data Interfaces
logo
Shanghai Leiditech Elec...
LC12DT3 LEIDITECH-LC12DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
logo
StarHope
TLSD03GU SPSEMI-TLSD03GU Datasheet
760Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
logo
Shanghai Leiditech Elec...
LC33DT3 LEIDITECH-LC33DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
LC36DT3 LEIDITECH-LC36DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
logo
Littelfuse
SP03-3.3BTG LITTELFUSE-SP03-3.3BTG Datasheet
318Kb / 6P
   Low Capacitance TVS protection for high-speed data interfaces
logo
Shanghai Leiditech Elec...
LC15DT3 LEIDITECH-LC15DT3 Datasheet
191Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com