Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T4260 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # T4260
Description  AM/FM Front End IC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T4260 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button T4260 Datasheet HTML 2Page - ATMEL Corporation T4260 Datasheet HTML 3Page - ATMEL Corporation T4260 Datasheet HTML 4Page - ATMEL Corporation T4260 Datasheet HTML 5Page - ATMEL Corporation T4260 Datasheet HTML 6Page - ATMEL Corporation T4260 Datasheet HTML 7Page - ATMEL Corporation T4260 Datasheet HTML 8Page - ATMEL Corporation T4260 Datasheet HTML 9Page - ATMEL Corporation T4260 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
6
4528M–AUDR–03/08
T4260
2.5
Settling time in FM mode
(switching from
87.5 MHz to 108 MHz
or vice versa)
f
PD = 50 kHz
IPD = 2 mA
1ms
B
3
AMLF/FMLF
3.1
Output current 1
FMLF, AMLF = 1.8V
16,
17
40
50
60
µA
A
(1)
3.2
Output current 2
FMLF, AMLF = 1.8V
16,
17
80
100
120
µA
A
(1)
3.3
Output current 3
FMLF, AMLF = 1.8V
16,
17
850
1000
1250
µA
A
(1)
3.4
Output current 4
FMLF, AMLF = 1.8V
16,
17
1650
2000
2450
µA
A
(1)
3.5
Leakage current
FMLF, AMLF = 1.8V
16,
17
10
nA
A
(1)
4
VTUNE
4.1
Saturation voltage
LOW
VSATL = VTUNEMIN
18
VSATL
100
200
400
mV
C
4.2
Saturation voltage
HIGH
V
SATH =
V
SPLL - VTUNEMAX
18
VSATH
500
mV
C
5
DAC1, DAC2
5.1
Output current
1, 2
IDAC1,2
1mA
D
5.2
Output voltage
1, 2
VDAC1,2
0.3
VS –0.6
V
A
5.3
Maximum offset range
Offset = 0, gain = 58
1, 2
0.9
0.98
1.1
V
A
(1)
5.4
Minimum offset range
Offset = 127, gain = 58
1, 2
–0.9
–0.98
–1.1
V
A
(1)
5.5
Maximum gain range
Gain = 255, offset = 64
1, 2
2.06
2.09
2.13
A
(1)
5.6
Minimum gain range
Gain = 0, offset = 64
1, 2
0.63
0.67
0.73
A
(1)
6
Oscillator
6.1
Frequency range
21
60
170
MHz
B
6.2
Fractional frequency
range
Fractional mode
21
60
140
MHz
A
6.3
Buffer output
22
150
mV
rms
C
6.4
Buffer input
Slave mode
22
100
mVrms
C
6.5
Input voltage
21
VOSC
150
mVrms
A
7
FM Mixer
7.1
Frequency range
75
163
MHz
B
7.2
Input IP3
133
dBµV
C
7.3
Input impedance
3.5
k
D
7.4
Input capacitance
4pF
D
7.5
Noise figure
F
14
dB
C
7.6
Conversion
transconductance
2.6
3.1
3.6
ms
D
(1)
7.
Electrical Characteristics (Continued)
Test conditions (unless otherwise specified): VST/VSPLL = +8.5V, Tamb = +25°C
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. Minimum and maximum limits are characterized for entire temperature range (–40°C to +85°C) but are tested at +25°C


Similar Part No. - T4260

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T4260 ATMEL-T4260 Datasheet
299Kb / 31P
   AM/FM Front End IC
T4260 ATMEL-T4260 Datasheet
698Kb / 34P
   AM/FM Front End IC
T4260-ILQH ATMEL-T4260-ILQH Datasheet
698Kb / 34P
   AM/FM Front End IC
T4260IL ATMEL-T4260IL Datasheet
299Kb / 31P
   AM/FM Front End IC
T4260ILQ ATMEL-T4260ILQ Datasheet
299Kb / 31P
   AM/FM Front End IC
More results

Similar Description - T4260

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T4260 ATMEL-T4260_09 Datasheet
698Kb / 34P
   AM/FM Front End IC
T4260 ATMEL-T4260 Datasheet
299Kb / 31P
   AM/FM Front End IC
logo
Toshiba Semiconductor
TA8158F TOSHIBA-TA8158F Datasheet
235Kb / 8P
   FM FRONT END IC
logo
Rohm
BA4413 ROHM-BA4413 Datasheet
204Kb / 7P
   FM Front End IC
logo
Toshiba Semiconductor
TA8168SN TOSHIBA-TA8168SN Datasheet
301Kb / 9P
   FM FRONT END IC
TA7378P TOSHIBA-TA7378P Datasheet
583Kb / 8P
   FM FRONT END IC
logo
ATMEL Corporation
ATR4262M1 ATMEL-ATR4262M1 Datasheet
230Kb / 12P
   Broadcast Radio Front-end IC for AM/FM/DRM/HD Radio
logo
STMicroelectronics
TDA7227 STMICROELECTRONICS-TDA7227 Datasheet
169Kb / 5P
   SINGLE-CHIP AM/FM RADIO WITH FRONT-END
logo
Texas Instruments
SN761631 TI-SN761631 Datasheet
630Kb / 26P
[Old version datasheet]   RF FRONT END FOR AM/FM IF SAMPLING RADIO
logo
Toshiba Semiconductor
TA7358AP TOSHIBA-TA7358AP Datasheet
239Kb / 8P
   FM FRONT-END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com