Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFM50A Datasheet(PDF) 1 Page - Semtech Corporation

Part # PFM50A
Description  Axial Leaded Hermetically Sealed High Voltage Fast Rectifier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

PFM50A Datasheet(HTML) 1 Page - Semtech Corporation

  PFM50A Datasheet HTML 1Page - Semtech Corporation PFM50A Datasheet HTML 2Page - Semtech Corporation PFM50A Datasheet HTML 3Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER DISCRETES
1
www.semtech.com
PFM50A/PFM75A
Axial Leaded Hermetically Sealed
High Voltage Fast Rectifier Diode
Features
Revision: June 2, 2008
Quick reference data
V
R = 5 - 7.5kV
I
F
= 92mA
t
rr = 250nS
I
R = 0.5µA
Low reverse recovery time
Very low leakage current
Glass passivated for hermetic sealing
Soft, non-snap off, recovery characteristics
Avalanche capability
Please contact factory regarding HR screening
Absolute Maximum Ratings
Electrical specifications @ T
A = 25°C unless otherwise specified.
l
o
b
m
y
SA
0
5
M
F
PA
5
7
M
F
Ps
t
i
n
U
e
g
a
tl
o
V
e
s
r
e
v
e
R
g
n
i
k
r
o
WV
M
W
R
0
0
0
50
0
5
7V
e
g
a
tl
o
V
e
s
r
e
v
e
R
e
v
it
it
e
p
e
RV
M
R
R
0
5
6
50
0
5
8V
e
g
a
tl
o
V
e
s
r
e
v
e
R
e
g
r
u
SV
M
S
R
0
5
6
50
0
5
8V
li
o
n
i
,
C
°
5
5
@
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
AI
)
V
A
(
F
2
9A
m
,l
i
o
n
i
C
°
5
5
@
t
n
e
r
r
u
C
e
g
r
u
S
e
v
it
it
e
p
e
R
"
5
7
3
.
0
h
t
g
n
e
l
d
a
e
l
I
)
V
A
(
F
0
.
1A
t
n
e
r
r
u
C
e
g
r
u
S
e
v
it
it
e
p
e
R
-
n
o
N
V
@
S
m
3
.
8
=
p
t
(
R
T
&
X
A
M
J
)
I
M
S
F
0
.
2A
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-C
°
Description


Similar Part No. - PFM50A

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
PFM500V-NS PACELEADER-PFM500V-NS Datasheet
240Kb / 2P
   SURFACE MOUNT SMALL SIGNAL TYPE
PFM501V-NS PACELEADER-PFM501V-NS Datasheet
224Kb / 2P
   SURFACE MOUNT SMALL SIGNAL TYPE
More results

Similar Description - PFM50A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
PF20 SEMTECH-PF20_07 Datasheet
116Kb / 4P
   Axial Leaded Hermetically Sealed High Voltage Fast Rectifier Diode
2PF140 SEMTECH-2PF140 Datasheet
112Kb / 3P
   AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE FAST RECTIFIER DIODE
logo
New Jersey Semi-Conduct...
F40A NJSEMI-F40A Datasheet
143Kb / 3P
   AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE FAST RECTIFIER DIODE
SM75F NJSEMI-SM75F Datasheet
133Kb / 2P
   AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE FAST RECTIFIER DIODE
logo
Semtech Corporation
1N5415 SEMTECH-1N5415_10 Datasheet
135Kb / 5P
   Axial Leaded Hermetically Sealed Fast Rectifier Diode
1N5415 SEMTECH-1N5415 Datasheet
183Kb / 5P
   Axial Leaded Hermetically Sealed Fast Rectifier Diode
PF8 SEMTECH-PF8 Datasheet
93Kb / 3P
   Axial Leaded Hermetically Sealed Fast Rectifier Diode
logo
New Jersey Semi-Conduct...
F15 NJSEMI-F15 Datasheet
74Kb / 2P
   AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE SUPERFAST RECTIFIER DIODE
SFF30 NJSEMI-SFF30 Datasheet
88Kb / 2P
   AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE SUPERFAST RECTIFIER DIODE
logo
Semtech Corporation
1N6620 SEMTECH-1N6620 Datasheet
37Kb / 3P
   Axial Leaded Hermetically Sealed Ultra Fast Recovery Rectifier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com