Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC471 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC471
Description  Synchronous Buck Controller with Multi-Level VOUT Transition Support
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC471 Datasheet(HTML) 4 Page - Semtech Corporation

  SC471_08 Datasheet HTML 1Page - Semtech Corporation SC471_08 Datasheet HTML 2Page - Semtech Corporation SC471_08 Datasheet HTML 3Page - Semtech Corporation SC471_08 Datasheet HTML 4Page - Semtech Corporation SC471_08 Datasheet HTML 5Page - Semtech Corporation SC471_08 Datasheet HTML 6Page - Semtech Corporation SC471_08 Datasheet HTML 7Page - Semtech Corporation SC471_08 Datasheet HTML 8Page - Semtech Corporation SC471_08 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4
© 2008 Semtech Corp.
SC471/SC471A
www.semtech.com
POWER MANAGEMENT
Electrical Characteristics (continued)
Parameter
Conditions
25°C
-40° to 85°C
Units
Min
Typ
Max
Min
Max
Regulation
Line Regulation Error
Typical Application Circuit
0.04
%/V
Load Regulation Error
Typical Application Circuit
0.3
%
Timing
On-Time
VOUT = 1.1V
250
225
275
ns
Minimum On-Time
100
ns
Minimum Off-Time
350
ns
Maximum Duty Cycle
V
BAT = VOUT + 0.2 FB < 0.7V
85
80
%
Soft-Start
Soft-Start Time
I
OUT = ILIM/2
1000
μs
Analog Inputs/Outputs
VOUT Input Resistance
500
FB Input Bias Current
-1
+1
μA
Current Sense
Zero Crossing
Detector Threshold
LX - GND
0
-7
+7
mV
Power Good
Power Good Threshold
1% Hysteresis Typical
-20%
-17%
-23%
V
Threshold Delay Time(1)
5
μs
Voltage Transition Blank Time(1)
G0 or G1 Transition
32
clks
Leakage
1
μA
Fault Protection
ILIM Source Current
10
9
11
μA
ILIM Comparator Offset
0
-10
+10
mV
Current Limit (Negative)
LX - GND
80
60
100
mV


Similar Part No. - SC471_08

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC471A SEMTECH-SC471A Datasheet
730Kb / 27P
   Synchronous Buck Controller with Multi-Level VOUT Transition Support
SC471AMLTRT SEMTECH-SC471AMLTRT Datasheet
730Kb / 27P
   Synchronous Buck Controller with Multi-Level VOUT Transition Support
SC471EVB SEMTECH-SC471EVB Datasheet
730Kb / 27P
   Synchronous Buck Controller with Multi-Level VOUT Transition Support
SC471MLTRT SEMTECH-SC471MLTRT Datasheet
730Kb / 27P
   Synchronous Buck Controller with Multi-Level VOUT Transition Support
More results

Similar Description - SC471_08

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC471 SEMTECH-SC471 Datasheet
730Kb / 27P
   Synchronous Buck Controller with Multi-Level VOUT Transition Support
SC475A SEMTECH-SC475A Datasheet
602Kb / 27P
   Synchronous Buck Controller with Dual-Level VOUT Transition Support
logo
Linear Technology
LTC3892EFE-1 LINER-LTC3892EFE-1 Datasheet
746Kb / 14P
   PolyPhase High VOUT Synchronous Buck Converter
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
   300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Linear Technology
LT8705 LINER-LT8705_15 Datasheet
544Kb / 44P
   80V VIN and VOUT Synchronous 4-Switch Buck- Boost DC/DC Controller
LT8705A LINER-LT8705A Datasheet
373Kb / 10P
   80V VIN and VOUT Synchronous 4-Switch Buck-Boost DC/DC Controller
logo
Analog Devices
ADP1878 AD-ADP1878 Datasheet
2Mb / 40P
   Synchronous Buck Controller
REV. A
logo
Semtech Corporation
SC412A SEMTECH-SC412A_1 Datasheet
588Kb / 22P
   Synchronous Buck Controller
logo
Sipex Corporation
SP6138 SIPEX-SP6138 Datasheet
961Kb / 17P
   Synchronous Buck Controller
logo
Micro Linear Corporatio...
ML4894 MICRO-LINEAR-ML4894 Datasheet
270Kb / 10P
   Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com