Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC431CS-.5TRT Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC431CS-.5TRT
Description  Adjustable Shunt Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC431CS-.5TRT Datasheet(HTML) 6 Page - Semtech Corporation

  SC431CS-.5TRT Datasheet HTML 1Page - Semtech Corporation SC431CS-.5TRT Datasheet HTML 2Page - Semtech Corporation SC431CS-.5TRT Datasheet HTML 3Page - Semtech Corporation SC431CS-.5TRT Datasheet HTML 4Page - Semtech Corporation SC431CS-.5TRT Datasheet HTML 5Page - Semtech Corporation SC431CS-.5TRT Datasheet HTML 6Page - Semtech Corporation SC431CS-.5TRT Datasheet HTML 7Page - Semtech Corporation SC431CS-.5TRT Datasheet HTML 8Page - Semtech Corporation SC431CS-.5TRT Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
 2008 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC431
-300
-200
-100
0
100
200
300
-2
-1
0123
VZ (V)
VZ = VREF
TA = 25
oC
-150
-100
-50
0
50
100
150
-2
-1
0123
VZ (V)
VZ = VREF
TA = 25
oC
0
0.1
0.2
0.3
0.4
0.5
-50
-25
0
25
50
75
100
125
150
TJ (°C)
IZ = 10mA
∆VZ = 3V to 30V
2.485
2.490
2.495
2.500
2.505
2.510
2.515
-50
-25
0
25
50
75
100
125
150
TJ (°C)
VZ = VREF
IZ = 10mA
0
20
40
60
80
100
-50
-25
0
25
50
75
100
125
150
TJ (°C)
IZ = 10mA
R1 = 10k
R2 =
0.001
0.01
0.1
1
10
100
-50
-25
0
25
50
75
100
125
150
TJ (°C)
VZ = 30V
VREF = 0V
Cathode Current vs.
Cathode Voltage
Cathode Current vs.
Cathode Voltage
Reference Voltage vs.
Junction Temperature
Reference Input Current vs.
Junction Temperature
Ratio of Delta Reference Voltage to Delta Cathode
Voltage vs. Junction Temperature
Off-State Cathode Current
vs. Junction Temperature
Typical Characteristics


Similar Part No. - SC431CS-.5TRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC431CS-1 SEMTECH-SC431CS-1 Datasheet
111Kb / 6P
   ADJUSTABLE SHUNT REGULATOR
SC431CS-2 SEMTECH-SC431CS-2 Datasheet
111Kb / 6P
   ADJUSTABLE SHUNT REGULATOR
SC431CS-5 SEMTECH-SC431CS-5 Datasheet
111Kb / 6P
   ADJUSTABLE SHUNT REGULATOR
More results

Similar Description - SC431CS-.5TRT

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
   Adjustable shunt regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
   Adjustable shunt regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431 Datasheet
908Kb / 12P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
AX432 ETC-AX432 Datasheet
176Kb / 7P
   Adjustable Shunt Regulator
GM432 ETC2-GM432 Datasheet
317Kb / 5P
   Adjustable Shunt Regulator
logo
Samtec, Inc
SC431CSK-1TRT SAMTEC-SC431CSK-1TRT Datasheet
229Kb / 9P
   Adjustable Shunt Regulator
logo
Hi-Sincerity Mocroelect...
H432 HSMC-H432 Datasheet
129Kb / 6P
   Adjustable Shunt Regulator
H432 HSMC-H432 Datasheet
76Kb / 6P
   ADJUSTABLE SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com