Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U127.010A01H Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # U127.010A01H
Description  Totalizers mechanic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

U127.010A01H Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  U127.010A01H Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG U127.010A01H Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG U127.010A01H Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG U127.010A01H Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Totalizers mechanic
www.baumerivo.com
2
H 127, T 127, U 127
Stroke, piece and revolution counters
Display 4- or 5-digits, reset button
Drive on the right
Reset button left
Reset button left
Away from user
Toward user
Sense of rotation or
Sense of rotation or
stroke direction I
stroke direction II
Drive on the left
Reset button right
Reset button right
way from user
Toward user
Sense of rotation or
Sense of rotation or
stroke direction I
stroke direction II
Reset button always opposite of drive.
Direction of strokes and rotation
Technical data - mechanical design
H 127
Function
Stroke counter
Number of digits
5-digits
Count mode
Adding in a stroke direction to
be indicated. 1 stroke = 1 count
Drive shaft
Right or left, ø4 mm
Stroke
>38° to <60°
Stroke lever
To be positioned on shaft at
will. Stroke lever relocates
automatically to start position.
Stroke frequency
≤500 strokes/min
Measuring range
99 999
T 127
Function
Piece counter with lever
Number of digits
4-digits
Count mode
1 button touch = 1 count
Drive shaft
Only available with lever
provided at right
Stroke
>38° to <60°
Measuring range
9999
U 127
Function
Revolution counter
Number of digits
5-digits
Count mode
Adding in a rotational direction
to be indicated, subtracting in
reverse direction. 1 rev. = 1
count
Drive shaft
Right or left, ø4 mm
Operating speed
≤2000 rpm
Measuring range
99 999


Similar Part No. - U127.010A01H

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1270 KEYSIGHT-U1270 Datasheet
4Mb / 22P
   Digital Multimeters
logo
List of Unclassifed Man...
U1271A ETC2-U1271A Datasheet
3Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1271A KEYSIGHT-U1271A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1271A KEYSIGHT-U1271A Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

Similar Description - U127.010A01H

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
T130 IVO-T130 Datasheet
294Kb / 2P
   Totalizers mechanic
M410A IVO-M410A Datasheet
309Kb / 2P
   Totalizers mechanic
T120 IVO-T120 Datasheet
313Kb / 2P
   Totalizers mechanic
H126 IVO-H126 Datasheet
346Kb / 2P
   Totalizers mechanic
H400 IVO-H400 Datasheet
508Kb / 4P
   Totalizers mechanic
H410 IVO-H410 Datasheet
512Kb / 4P
   Totalizers mechanic
M275 IVO-M275 Datasheet
362Kb / 2P
   Totalizers mechanic
H300 IVO-H300 Datasheet
451Kb / 4P
   Totalizers mechanic
H310 IVO-H310 Datasheet
448Kb / 4P
   Totalizers mechanic
M310A IVO-M310A Datasheet
305Kb / 2P
   Totalizers mechanic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com