Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M410.010A02B Datasheet(PDF) 4 Page - Baumer IVO GmbH & Co. KG

Part # M410.010A02B
Description  Totalizers mechanic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

M410.010A02B Datasheet(HTML) 4 Page - Baumer IVO GmbH & Co. KG

  M410.010A02B Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG M410.010A02B Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG M410.010A02B Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG M410.010A02B Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Totalizers mechanic
www.baumerivo.com
4
Dimensions
7.5
92
106
120
54
2.5
28
45
21
M 411, U 411
52
40
92
106
120
172
7.5
2.5
28
45
ø6
Stroke lever
min. 38°
max.
60°
Stroke
Hinged plate
H 410, M 410, U 410
H 410, M 410, U 410, M 411, U 411
Stroke, meter and revolution counters
Display 5 digits, manual reset by lever


Similar Part No. - M410.010A02B

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
M410.A01 IVO-M410.A01 Datasheet
309Kb / 2P
   Totalizers mechanic
M410.A02 IVO-M410.A02 Datasheet
309Kb / 2P
   Totalizers mechanic
More results

Similar Description - M410.010A02B

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
H127 IVO-H127 Datasheet
494Kb / 4P
   Totalizers mechanic
T130 IVO-T130 Datasheet
294Kb / 2P
   Totalizers mechanic
M410A IVO-M410A Datasheet
309Kb / 2P
   Totalizers mechanic
T120 IVO-T120 Datasheet
313Kb / 2P
   Totalizers mechanic
H126 IVO-H126 Datasheet
346Kb / 2P
   Totalizers mechanic
H400 IVO-H400 Datasheet
508Kb / 4P
   Totalizers mechanic
M275 IVO-M275 Datasheet
362Kb / 2P
   Totalizers mechanic
H300 IVO-H300 Datasheet
451Kb / 4P
   Totalizers mechanic
H310 IVO-H310 Datasheet
448Kb / 4P
   Totalizers mechanic
M310A IVO-M310A Datasheet
305Kb / 2P
   Totalizers mechanic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com