Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE212.131AXA2 Datasheet(PDF) 3 Page - Baumer IVO GmbH & Co. KG

Part # NE212.131AXA2
Description  Preset counters electronic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

NE212.131AXA2 Datasheet(HTML) 3 Page - Baumer IVO GmbH & Co. KG

  NE212.131AXA2 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG NE212.131AXA2 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG NE212.131AXA2 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG NE212.131AXA2 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.baumerivo.com
Preset counters electronic
3
www.baumerivo.com
www.baumerivo.com
NE212
2 presets, totalizer and batch counter
Display LED, 8-digits, programmable
Part number
NE212.
AXA2
Voltage supply
1 22...50 VAC
2 85...265 VAC
3 24 VDC
Outputs
1 Relay outputs, B1 normally closed
2 Relay outputs, B1 normally open
3 Electronic outputs PNP
4 Electronic outputs NPN
Interface
0 Without interface
1 RS485
2 RS422
3 RS232
Dimensions
72
18.5
108
105
1-6
7


Similar Part No. - NE212.131AXA2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE21200 RENESAS-NE21200 Datasheet
461Kb / 8P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1990
NE21283A RENESAS-NE21283A Datasheet
718Kb / 12P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1990
More results

Similar Description - NE212.131AXA2

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
NE134 IVO-NE134 Datasheet
428Kb / 2P
   Preset counters electronic
NE210 IVO-NE210 Datasheet
409Kb / 2P
   Preset counters electronic
NE218 IVO-NE218 Datasheet
451Kb / 2P
   Preset counters electronic
NE214 IVO-NE214 Datasheet
458Kb / 2P
   Preset counters electronic
NE230 IVO-NE230 Datasheet
431Kb / 2P
   Preset counters electronic
NE216 IVO-NE216 Datasheet
417Kb / 2P
   Preset counters electronic
NE213 IVO-NE213 Datasheet
559Kb / 4P
   Preset counters electronic
NE215 IVO-NE215 Datasheet
556Kb / 4P
   Preset counters electronic
ME280PTB IVO-ME280PTB Datasheet
313Kb / 2P
   Preset counters mechanic
FS218 IVO-FS218 Datasheet
471Kb / 4P
   Preset counters electromechanic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com