Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA200.002AXA1 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # TA200.002AXA1
Description  Tachometer electronic
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

TA200.002AXA1 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  TA200.002AXA1 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG TA200.002AXA1 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.baumerivo.com
Tachometer electronic
1
www.baumerivo.com
www.baumerivo.com
TA200 - LED-Tachometer
Features
Tachometer for rotation speed and velocity
Display 6-digits
Connection: One-channel digital sensor or potential-
free contact
Impulse evaluation, sensor logic programmable
Frequencies up to 40 kHz
Period duration measurement
Technical data - electrical ratings
Voltage supply
115/230 VAC ±10 % (50/60 Hz)
24/48 VAC ±10 % (50/60 Hz)
24 VDC ±10 %
Power consumption
7 VA, 5 W
Sensor supply
12...26 VDC / max. 100 mA
Display
LED, 7-segment display
Number of digits
6-digits
Digit height
14 mm
Unit displayed
1/s, 1/min, 1/h programmable
Function
Tachometer
Measuring principle
Period duration measurement
Signal inputs
Comparator inputs
Input logic
NPN / PNP
Counting frequency
25 Hz, 40 kHz programmable
Scaling factor
0.0001...9999.99
Data memory
>10 years in EEPROM
Standard
DIN EN 61010-1
Protection class II
Overvoltage category II
Pollution degree 2
Emitted interference
DIN EN 61000-6-3
Interference immunity
DIN EN 61000-6-2
Programmable
parameters
Measuring units 1/h, 1/min, 1/s
Scaling factor
Sensor logic
Pulse frequency
Approvals
UL/cUL, CE conform
TA200
Technical data - mechanical design
Operating temperature
0...+50 °C
Storing temperature
-20...+70 °C
Relative humidity
80 % non-condensing
E-connection
Plug-in screw terminals
Core cross-section
1.5 mm²
Protection DIN EN 60529 IP 65 face with seal
Operation / keypad
Membrane with softkeys
Housing type
Housing for control panel
installation
Dimensions W x H x L
96 x 48 x 124 mm
Cutout dimensions
92 x 45 mm (+0.6)
Installation depth
123.75 mm
Mounting
Front panel installation by clip
frame
Weight approx.
350 g (AC), 250 g (DC)
Material
Housing: Makrolon 6485 (PC)
Rotation speed and velocity display
Large 14 mm display LED, 6-digits, programmable


Similar Part No. - TA200.002AXA1

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TA200-10A BOTHHAND-TA200-10A Datasheet
250Kb / 1P
   10 BASE-T ETHERNET ISO TRANSFORMER
TA200-12A BOTHHAND-TA200-12A Datasheet
250Kb / 1P
   10 BASE-T ETHERNET ISO TRANSFORMER
TA200-25B BOTHHAND-TA200-25B Datasheet
281Kb / 1P
   10 BASE-T NETWORK COMPONENTS
TA200-25B BOTHHAND-TA200-25B Datasheet
52Kb / 1P
   10 BASE-T ISOLATION TRANSFORMER
TA200-25B BOTHHAND-TA200-25B_1 Datasheet
52Kb / 1P
   10 BASE-T ISOLATION TRANSFORMER
More results

Similar Description - TA200.002AXA1

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
TA134 IVO-TA134 Datasheet
423Kb / 2P
   Tachometer electronic
TA201 IVO-TA201 Datasheet
402Kb / 2P
   Tachometer electronic
TA202 IVO-TA202 Datasheet
536Kb / 4P
   Tachometer electronic
ISI36 IVO-ISI36 Datasheet
570Kb / 4P
   Tachometer electronic
logo
STMicroelectronics
L290 STMICROELECTRONICS-L290 Datasheet
104Kb / 8P
   TACHOMETER CONVERTER
STEVAL-IHM023V3 STMICROELECTRONICS-STEVAL-IHM023V3 Datasheet
656Kb / 9P
   Tachometer input
November 2014 Rev 1
logo
Extech Instruments Corp...
461891 EXTECH-461891 Datasheet
71Kb / 4P
   Contact Tachometer
logo
List of Unclassifed Man...
WD1A ETC1-WD1A Datasheet
99Kb / 2P
   Tachometer Transmitter
logo
Omron Electronics LLC
H7EC-NFV-B OMRON-H7EC-NFV-B Datasheet
1Mb / 12P
   Self-Powered Tachometer
logo
Extech Instruments Corp...
461893 EXTECH-461893 Datasheet
338Kb / 4P
   Digital Photo Tachometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com