Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD05C Datasheet(PDF) 7 Page - Semtech Corporation

Part # SD05C
Description  Single Line TVS Diode for ESD Protection in Portable Electronics
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SD05C Datasheet(HTML) 7 Page - Semtech Corporation

  SD05C_04 Datasheet HTML 1Page - Semtech Corporation SD05C_04 Datasheet HTML 2Page - Semtech Corporation SD05C_04 Datasheet HTML 3Page - Semtech Corporation SD05C_04 Datasheet HTML 4Page - Semtech Corporation SD05C_04 Datasheet HTML 5Page - Semtech Corporation SD05C_04 Datasheet HTML 6Page - Semtech Corporation SD05C_04 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
 2004 Semtech Corp.
www.semtech.com
PRELIMINARY
PROTECTION PRODUCTS
SD05C through SD24C
Contact Information
Semtech Corporation
Protection Products Division
200 Flynn Rd., Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
t
r
a
P
r
e
b
m
u
N
h
s
i
n
i
F
d
a
e
L
r
e
p
y
t
Q
l
e
e
R
e
z
i
S
l
e
e
R
C
T
.
C
5
0
D
Sb
P
n
S0
0
0
,
3”
7
C
T
.
C
2
1
D
Sb
P
n
S0
0
0
,
3”
7
C
T
.
C
5
1
D
Sb
P
n
S0
0
0
,
3”
7
C
T
.
C
4
2
D
Sb
P
n
S0
0
0
,
3”
7
T
C
T
.
C
5
0
D
Se
e
r
f
b
P0
0
0
,
3”
7
T
C
T
.
C
2
1
D
Se
e
r
f
b
P0
0
0
,
3”
7
T
C
T
.
C
5
1
D
Se
e
r
f
b
P0
0
0
,
3”
7
T
C
T
.
C
4
2
D
Se
e
r
f
b
P0
0
0
,
3”
7
Marking Codes
Ordering Information
Part Number
Marking
Code
SD05C
SD12C
SD15C
SD24C
5/
6/
7/
8/


Similar Part No. - SD05C_04

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SD05C-01FTG LITTELFUSE-SD05C-01FTG Datasheet
702Kb / 4P
   450W Discrete Bidirectional TVS Diode
SD05C-01FTG LITTELFUSE-SD05C-01FTG Datasheet
1,015Kb / 7P
   SD-C Series 450W Discrete Bidirectional TVS Diode
logo
TECH PUBLIC Electronics...
SD05C-01FTG TECHPUBLIC-SD05C-01FTG Datasheet
791Kb / 4P
   1-Line Bl-directional TVS Diode
More results

Similar Description - SD05C_04

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG03JSUSC KEC-PG03JSUSC Datasheet
36Kb / 2P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Pan Jit International I...
PJSD05CW PANJIT-PJSD05CW Datasheet
85Kb / 4P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Samtec, Inc
SD05.TCT SAMTEC-SD05.TCT Datasheet
147Kb / 6P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Semtech Corporation
SD05 SEMTECH-SD05 Datasheet
137Kb / 6P
   Single Line TVS Diode for ESD Protection in Portable Electronics
SD05C SEMTECH-SD05C Datasheet
143Kb / 7P
   Single Line TVS Diode for ESD Protection in Portable Electronics?
logo
KEC(Korea Electronics)
PG24FSUSC KEC-PG24FSUSC Datasheet
36Kb / 2P
   Single Line TVS Diode for ESD Protection in Portable Electronics
PG05UBUL2 KEC-PG05UBUL2 Datasheet
52Kb / 3P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Pan Jit International I...
PJSD05CW-AU PANJIT-PJSD05CW-AU Datasheet
96Kb / 6P
   Single Line TVS Diode for ESD Protection in Portable Electronics
May 25,2016-REV.05
PJSD05W PANJIT-PJSD05W Datasheet
773Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION IN PORTABLE ELECTRONICS
logo
KEC(Korea Electronics)
PG12FBUSC KEC-PG12FBUSC_15 Datasheet
540Kb / 2P
   Single Line TVS Diode for ESD Protection in Portable Electronics
PG05FSESC KEC-PG05FSESC Datasheet
35Kb / 2P
   Single Line TVS Diode for ESD Protection in Portable Electronics
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com