Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDA05C Datasheet(PDF) 6 Page - Semtech Corporation

Part # SMDA05C
Description  Bidirectional TVS Array for Protection of Four Lines
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SMDA05C Datasheet(HTML) 6 Page - Semtech Corporation

  SMDA05C_06 Datasheet HTML 1Page - Semtech Corporation SMDA05C_06 Datasheet HTML 2Page - Semtech Corporation SMDA05C_06 Datasheet HTML 3Page - Semtech Corporation SMDA05C_06 Datasheet HTML 4Page - Semtech Corporation SMDA05C_06 Datasheet HTML 5Page - Semtech Corporation SMDA05C_06 Datasheet HTML 6Page - Semtech Corporation SMDA05C_06 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
 2005 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
SMDA05C THRU SMDA24C
Land Pattern - SO-8
Outline Drawing - SO-8
bxN
2X N/2 TIPS
SEATING
aaa C
E/2
2X
12
N
A
D
A1
E1
bbb
C A-B D
ccc C
e/2
A2
SEE DETAIL
A
SIDE VIEW
A
B
C
D
e
DETAIL
A
c
L
(L1)
01
0.25
GAGE
PLANE
h
h
H
PLANE
3. DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
OR GATE BURRS.
-B-
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
DATUMS
AND
TO BE DETERMINED AT DATUM PLANE
NOTES:
1.
2.
-A-
-H-
REFERENCE JEDEC STD MS-012, VARIATION AA.
4.
.050 BSC
.236 BSC
8
.010
.150
.189
.154
.193
.012
-
8
0.25
1.27 BSC
6.00 BSC
3.90
4.90
-
.157
.197
3.80
4.80
.020 0.31
4.00
5.00
0.51
(.041)
.004
.008
-
.028
-
-
-
-
.016
.007
.049
.004
.053
0.20
0.10
-
0.40
0.17
1.25
0.10
.041
.010
.069
.065
.010
1.35
(1.04)
0.72
-
1.04
0.25
-
-
-
1.75
1.65
0.25
0.25
-
.010
.020
0.50
-
L1
N
01
bbb
aaa
ccc
A
b
A2
A1
D
E
E1
L
h
e
c
DIM
MIN
MILLIMETERS
NOM
DIMENSIONS
INCHES
MIN
MAX
MAX
NOM
E
(.205)
(5.20)
Z
G
Y
P
(C)
3.00
.118
1.27
.050
0.60
.024
2.20
.087
7.40
.291
X
INCHES
DIMENSIONS
Z
P
Y
X
DIM
C
G
MILLIMETERS
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
NOTES:
1.
REFERENCE IPC-SM-782A, RLP NO. 300A.
2.


Similar Part No. - SMDA05C_06

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMDA05C-4 MCC-SMDA05C-4 Datasheet
140Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMDA05C-4 MICROSEMI-SMDA05C-4 Datasheet
103Kb / 2P
   TVSarray Series
logo
Sangdest Microelectroni...
SMDA05C-4 SMC-SMDA05C-4 Datasheet
130Kb / 4P
   SO-8
logo
Micro Commercial Compon...
SMDA05C-4-2 MCC-SMDA05C-4-2 Datasheet
140Kb / 2P
   TVSarray Series
logo
Microsemi Corporation
SMDA05C-4-2 MICROSEMI-SMDA05C-4-2 Datasheet
104Kb / 2P
   TVSarray Series
More results

Similar Description - SMDA05C_06

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMDA05C SEMTECH-SMDA05C Datasheet
167Kb / 7P
   Bidirectional TVS Array for Protection of Four Lines
SMDA05 SEMTECH-SMDA05_06 Datasheet
163Kb / 7P
   Unidirectional TVS Array for Protection of Four Lines
SMDA05 SEMTECH-SMDA05 Datasheet
167Kb / 7P
   Unidirectional TVS Array for Protection of Four Lines?
SMDA05CN-5 SEMTECH-SMDA05CN-5 Datasheet
152Kb / 6P
   Bidirectional TVS Array for Protection of Five Lines????
SMDA05C-8 SEMTECH-SMDA05C-8 Datasheet
175Kb / 7P
   Bidirectional TVS Array for Protection of Eight Lines????
SMDA05CN-5 SEMTECH-SMDA05CN-5_06 Datasheet
150Kb / 6P
   Bidirectional TVS Array for Protection of Five Lines
SMDA05C-5 SEMTECH-SMDA05C-5_06 Datasheet
159Kb / 7P
   Bidirectional TVS Array for Protection of Five Lines
SMDA05C-7 SEMTECH-SMDA05C-7_06 Datasheet
176Kb / 7P
   Bidirectional TVS Array for Protection of Seven Lines
SMDA05C-5 SEMTECH-SMDA05C-5 Datasheet
162Kb / 7P
   Bidirectional TVS Array for Protection of Five Lines???
logo
Shanghai Leiditech Elec...
SMDA15C-7 LEIDITECH-SMDA15C-7 Datasheet
271Kb / 3P
   Bidirectional TVS Array for Protection of Seven Lines
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com