Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDA12.TBT Datasheet(PDF) 5 Page - Semtech Corporation

Part # SMDA12.TBT
Description  Unidirectional TVS Array for Protection of Four Lines
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SMDA12.TBT Datasheet(HTML) 5 Page - Semtech Corporation

  SMDA12.TBT Datasheet HTML 1Page - Semtech Corporation SMDA12.TBT Datasheet HTML 2Page - Semtech Corporation SMDA12.TBT Datasheet HTML 3Page - Semtech Corporation SMDA12.TBT Datasheet HTML 4Page - Semtech Corporation SMDA12.TBT Datasheet HTML 5Page - Semtech Corporation SMDA12.TBT Datasheet HTML 6Page - Semtech Corporation SMDA12.TBT Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
 2005 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
SMDA05 through SMDA24
Circuit Diagram
I/O Line Protection
Device Connection for Protection of Four Data Lines
The SMDAxx series of devices are designed to protect up
to four data lines. The devices are connected as follows:
The SMDAxx are unidirectional devices and are
designed for use on lines where the normal operat-
ing voltage is above ground. Pins 1, 2, 3, and 4 are
connected to the protected lines. Pins 5, 6, 7, and 8
are connected to ground. The ground connections
should be made directly to the ground plane for best
results. The path length is kept as short as possible
to reduce the effects of parasitic inductance in the
board traces.
Circuit Board Layout Recommendations for Suppres-
sion of ESD.
Good circuit board layout is critical for the suppression of
ESD induced transients. The following guidelines are
recommended:
Place the TVS near the input terminals or connectors
to restrict transient coupling.
Minimize the path length between the TVS and the
protected line.
Minimize all conductive loops including power and
ground loops.
The ESD transient return path to ground should be
kept as short as possible.
Never run critical signals near board edges.
Use ground planes whenever possible.
Matte Tin Lead Finish
Matte tin has become the industry standard lead-free
replacement for SnPb lead finishes. A matte tin finish is
composed of 100% tin solder with large grains. Since
the solder volume on the leads is small compared to the
solder paste volume that is placed on the land pattern of
the PCB, the reflow profile will be determined by the
requirements of the solder paste. Therefore, these
devices are compatible with both lead-free and SnPb
assembly techniques. In addition, unlike other lead-free
compositions, matte tin does not have any added alloys
that can cause degradation of the solder joint.
1
2
3
45
6
7
8
1
2
3
45
6
7
8
Ground
From Connector
To Protected
Device
Typical Connection
Applications Information


Similar Part No. - SMDA12.TBT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMDA12 SEMTECH-SMDA12 Datasheet
167Kb / 7P
   Unidirectional TVS Array for Protection of Four Lines?
logo
Micro Commercial Compon...
SMDA12 MCC-SMDA12 Datasheet
143Kb / 2P
   TVSarray Series
logo
Microsemi Corporation
SMDA12 MICROSEMI-SMDA12 Datasheet
103Kb / 2P
   TVSarray Series
logo
Protek Devices
SMDA12 PROTEC-SMDA12 Datasheet
84Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
logo
SeCoS Halbleitertechnol...
SMDA12 SECOS-SMDA12 Datasheet
172Kb / 2P
   Transient Voltage Suppressors
More results

Similar Description - SMDA12.TBT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMDA05 SEMTECH-SMDA05 Datasheet
167Kb / 7P
   Unidirectional TVS Array for Protection of Four Lines?
SMDA05-6 SEMTECH-SMDA05-6 Datasheet
158Kb / 6P
   Unidirectional TVS Array for Protection of Six Lines
SMDA05-6 SEMTECH-SMDA05-6_06 Datasheet
160Kb / 6P
   Unidirectional TVS Array for Protection of Six Lines
SMDA05C SEMTECH-SMDA05C_06 Datasheet
167Kb / 7P
   Bidirectional TVS Array for Protection of Four Lines
SMDA05C SEMTECH-SMDA05C Datasheet
167Kb / 7P
   Bidirectional TVS Array for Protection of Four Lines
SMDA05CN-5 SEMTECH-SMDA05CN-5 Datasheet
152Kb / 6P
   Bidirectional TVS Array for Protection of Five Lines????
SMDA05C-8 SEMTECH-SMDA05C-8 Datasheet
175Kb / 7P
   Bidirectional TVS Array for Protection of Eight Lines????
SMDA05CN-5 SEMTECH-SMDA05CN-5_06 Datasheet
150Kb / 6P
   Bidirectional TVS Array for Protection of Five Lines
SMDA05C-5 SEMTECH-SMDA05C-5_06 Datasheet
159Kb / 7P
   Bidirectional TVS Array for Protection of Five Lines
SMDA05C-7 SEMTECH-SMDA05C-7_06 Datasheet
176Kb / 7P
   Bidirectional TVS Array for Protection of Seven Lines
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com