Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDA24.T Datasheet(PDF) 7 Page - Semtech Corporation

Part # SMDA24.T
Description  Unidirectional TVS Array for Protection of Four Lines
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SMDA24.T Datasheet(HTML) 7 Page - Semtech Corporation

  SMDA24.T Datasheet HTML 1Page - Semtech Corporation SMDA24.T Datasheet HTML 2Page - Semtech Corporation SMDA24.T Datasheet HTML 3Page - Semtech Corporation SMDA24.T Datasheet HTML 4Page - Semtech Corporation SMDA24.T Datasheet HTML 5Page - Semtech Corporation SMDA24.T Datasheet HTML 6Page - Semtech Corporation SMDA24.T Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
 2005 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
SMDA05 through SMDA24
Contact Information
Semtech Corporation
Protection Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Ordering Information
Note: Lead-free devices are RoHS/WEEE Compliant
r
e
b
m
u
N
t
r
a
P
g
n
i
k
r
o
W
e
g
a
t
l
o
V
d
a
e
L
h
s
i
n
i
F
l
e
e
R
r
e
p
y
t
Qe
z
i
S
l
e
e
R
B
T
.
5
0
A
D
M
S5
b
P
n
S0
0
5h
c
n
I
7
B
T
.
2
1
A
D
M
S2
1b
P
n
S0
0
5h
c
n
I
7
B
T
.
5
1
A
D
M
S5
1b
P
n
S0
0
5h
c
n
I
7
B
T
.
4
2
A
D
M
S4
2b
P
n
S0
0
5h
c
n
I
7
T
B
T
.
5
0
A
D
M
S5
e
e
r
F
b
P0
0
5h
c
n
I
7
T
B
T
.
2
1
A
D
M
S2
1e
e
r
F
b
P0
0
5h
c
n
I
7
T
B
T
.
5
1
A
D
M
S5
1e
e
r
F
b
P0
0
5h
c
n
I
7
T
B
T
.
4
2
A
D
M
S4
2e
e
r
F
b
P0
0
5h
c
n
I
7
5
0
A
D
M
S5
b
P
n
Se
b
u
T
/
5
9A
/
N
2
1
A
D
M
S2
1b
P
n
Se
b
u
T
/
5
9A
/
N
5
1
A
D
M
S5
1b
P
n
Se
b
u
T
/
5
9A
/
N
4
2
A
D
M
S4
2b
P
n
Se
b
u
T
/
5
9A
/
N
T
.
5
0
A
D
M
S5
e
e
r
F
b
Pe
b
u
T
/
5
9A
/
N
T
.
2
1
A
D
M
S2
1e
e
r
F
b
Pe
b
u
T
/
5
9A
/
N
T
.
5
1
A
D
M
S5
1e
e
r
F
b
Pe
b
u
T
/
5
9A
/
N
T
.
4
2
A
D
M
S4
2e
e
r
F
b
Pe
b
u
T
/
5
9A
/
N


Similar Part No. - SMDA24.T

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMDA24 SEMTECH-SMDA24 Datasheet
167Kb / 7P
   Unidirectional TVS Array for Protection of Four Lines?
logo
Micro Commercial Compon...
SMDA24 MCC-SMDA24 Datasheet
143Kb / 2P
   TVSarray Series
logo
Microsemi Corporation
SMDA24 MICROSEMI-SMDA24 Datasheet
103Kb / 2P
   TVSarray Series
logo
Protek Devices
SMDA24 PROTEC-SMDA24 Datasheet
84Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
logo
SeCoS Halbleitertechnol...
SMDA24 SECOS-SMDA24 Datasheet
172Kb / 2P
   Transient Voltage Suppressors
More results

Similar Description - SMDA24.T

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMDA05 SEMTECH-SMDA05 Datasheet
167Kb / 7P
   Unidirectional TVS Array for Protection of Four Lines?
SMDA05-6 SEMTECH-SMDA05-6 Datasheet
158Kb / 6P
   Unidirectional TVS Array for Protection of Six Lines
SMDA05-6 SEMTECH-SMDA05-6_06 Datasheet
160Kb / 6P
   Unidirectional TVS Array for Protection of Six Lines
SMDA05C SEMTECH-SMDA05C_06 Datasheet
167Kb / 7P
   Bidirectional TVS Array for Protection of Four Lines
SMDA05C SEMTECH-SMDA05C Datasheet
167Kb / 7P
   Bidirectional TVS Array for Protection of Four Lines
SMDA05CN-5 SEMTECH-SMDA05CN-5 Datasheet
152Kb / 6P
   Bidirectional TVS Array for Protection of Five Lines????
SMDA05C-8 SEMTECH-SMDA05C-8 Datasheet
175Kb / 7P
   Bidirectional TVS Array for Protection of Eight Lines????
SMDA05CN-5 SEMTECH-SMDA05CN-5_06 Datasheet
150Kb / 6P
   Bidirectional TVS Array for Protection of Five Lines
SMDA05C-5 SEMTECH-SMDA05C-5_06 Datasheet
159Kb / 7P
   Bidirectional TVS Array for Protection of Five Lines
SMDA05C-7 SEMTECH-SMDA05C-7_06 Datasheet
176Kb / 7P
   Bidirectional TVS Array for Protection of Seven Lines
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com