Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR70 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SR70
Description  RailClamp짰 Low Capacitance TVS Diode Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SR70 Datasheet(HTML) 1 Page - Semtech Corporation

  SR70 Datasheet HTML 1Page - Semtech Corporation SR70 Datasheet HTML 2Page - Semtech Corporation SR70 Datasheet HTML 3Page - Semtech Corporation SR70 Datasheet HTML 4Page - Semtech Corporation SR70 Datasheet HTML 5Page - Semtech Corporation SR70 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
www.semtech.com
PROTECTION PRODUCTS
SR70
RailClamp
Low Capacitance TVS Diode Array
Description
Features
Circuit Diagram
Schematic & PIN Configuration
Revision 04/18/03
RailClamps are surge rated diode arrays designed to
protect high speed data interfaces. The SR70 has
been specifically designed to protect sensitive compo-
nents which are connected to data and transmission
lines from over-voltages caused by ESD (electrostatic
discharge), EFT (electrical fast transients), and light-
ning. The SR70 has been optimized for use on ADSL
and other high-speed interfaces.
The unique design of the SR70 integrates four surge
rated, low capacitance steering diodes in a low profile
SOT-143 package. It has a typical capacitance of only
5pF and may be used to protect two high-speed lines
without sacrificing signal integrity. The SR70 is de-
signed to replace “standard” rectifiers that are not
rated for the high energy surges that are normally
expected in telecommunications applications.
During transient conditions, the steering diodes direct
the transient to either the positive side of the power
supply line or to ground. The maximum clamping
voltage seen by the protected circuit will be one diode
drop (V
F) above the supply (reference) voltage.
The
SR70 may be used as a stand alone device or in
conjunction with TVS diodes for enhanced protection.
Applications
Mechanical Characteristics
ADSL Lines
I2C Bus Protection
Video Line Protection
T1/E1 secondary IC Side Protection
Portable Electronics
Microcontroller Input Protection
WAN/LAN Equipment
ISDN S/T Interface
Transient protection for high speed data lines to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 1kV, 24A (8/20µs)
Array of surge rated, low capacitance diodes
Protects two I/O lines
Low capacitance (5pF typical) for high-speed
interfaces
Low clamping voltage
Solid-state silicon-avalanche technology
JEDEC SOT-143 package
UL 497B listed
Molding compound flammability rating: UL 94V-0
Marking : R70
Packaging : Tape and Reel per EIA 481
Pin 4
Pin 2
Pin 3
Pin 1
SOT-143 (Top View)
1
23
4


Similar Part No. - SR70

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SR70 PROTEC-SR70 Datasheet
207Kb / 3P
   STEERING DIODE ARRAY
SR70 PROTEC-SR70 Datasheet
75Kb / 3P
   STEERING DIODE ARRAY
SR70 PROTEC-SR70 Datasheet
407Kb / 5P
   ultra low capacitance steering diode array
logo
Micro Commercial Compon...
SR70 MCC-SR70 Datasheet
301Kb / 4P
   70 Volts ESD Protector
logo
Shanghai Leiditech Elec...
SR70 LEIDITECH-SR70 Datasheet
150Kb / 3P
   USB 2.0 power and data line
More results

Similar Description - SR70

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SRDA05-6 SEMTECH-SRDA05-6 Datasheet
198Kb / 9P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0582N SEMTECH-RCLAMP0582N Datasheet
179Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
SR12 SEMTECH-SR12 Datasheet
180Kb / 8P
   RailClamp짰 Low Capacitance TVS Diode Array
SRV05-4 SEMTECH-SRV05-4_08 Datasheet
291Kb / 13P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0514M SEMTECH-RCLAMP0514M Datasheet
356Kb / 11P
   RailClamp짰 Low Capacitance TVS Diode Array
SRDA12-4 SEMTECH-SRDA12-4 Datasheet
268Kb / 10P
   RailClamp짰 Low Capacitance TVS Diode Array
SR2.8 SEMTECH-SR2.8 Datasheet
177Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
SR3.3 SEMTECH-SR3.3 Datasheet
173Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0503N SEMTECH-RCLAMP0503N Datasheet
148Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0504M SEMTECH-RCLAMP0504M Datasheet
201Kb / 10P
   RailClamp짰 Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com