Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCLAMP3302N Datasheet(PDF) 1 Page - Semtech Corporation

Part # TCLAMP3302N
Description  Low Capacitance TVS for Ethernet and Telecom Interfaces
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TCLAMP3302N Datasheet(HTML) 1 Page - Semtech Corporation

  TCLAMP3302N Datasheet HTML 1Page - Semtech Corporation TCLAMP3302N Datasheet HTML 2Page - Semtech Corporation TCLAMP3302N Datasheet HTML 3Page - Semtech Corporation TCLAMP3302N Datasheet HTML 4Page - Semtech Corporation TCLAMP3302N Datasheet HTML 5Page - Semtech Corporation TCLAMP3302N Datasheet HTML 6Page - Semtech Corporation TCLAMP3302N Datasheet HTML 7Page - Semtech Corporation TCLAMP3302N Datasheet HTML 8Page - Semtech Corporation TCLAMP3302N Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
www.semtech.com
TClamp3302N
Low Capacitance TVS
for Ethernet and Telecom Interfaces
PROTECTION PRODUCTS - TransClampΤΜ
ΤΜ
ΤΜ
ΤΜ
ΤΜ
Description
Features
Circuit Diagram
Package Configuration
Revision 01/17/2008
A TransClampΤΜ is a low capacitance TVS array designed
to protect high speed data interfaces. This series has
been specifically designed to protect sensitive compo-
nents which are connected to data and transmission
lines from overvoltage caused by ESD (electrostatic
discharge), CDE (Cable Discharge Events), and Light-
ning.
These devices integrate low capacitance, surge-rated
compensation diodes with a high power transient
voltage suppressor (TVS). The compensation diodes
are arranged in a bridge pattern allowing the device to
be connected in common mode and/or differential
mode. This allows the designer maximum flexibility and
reduces parts count. The capacitance of the device is
limited to 12pF maximum from line-to-line to ensure
correct signal transmission on high-speed lines.
These devices may be used to meet Telcordia GR-1089-
CORE short-haul (intra-building) surge requirements and
will withstand a minimum 100 A surge for a 2/10
µs
pulse.
The TClampTM3302N is in a 10-pin, RoHS/WEEE compli-
ant, SLP2626P10 package. It measures 2.6 x 2.6 x
0.60mm. The leads are spaced at a pitch of 0.5mm
and are finished with lead-free NiPdAu. They are
particularly well suited for applications where board
space is at a premium such as integrated connectors/
magnetics and carrier class Ethernet equipment.
Applications
Mechanical Characteristics
10/100/1000 Ethernet
T3/E3
Integrated Magnetics
Carrier Class Equipment
Customer Premise Equipment
Transient protection for high-speed data lines to
Bellcore 1089 (Intra-Building) 100A (2/10µs)
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) L5, 95A (8/20µs)
Low capacitance (12pF line-to-line)
Low operating voltages (3.3V)
Low clamping voltage
Small SLP Package saves board space
Solid-state technology
SLP2626P10 10L package
RoHS/WEEE Compliant
Nominal Dimensions: 2.6 x 2.6 x 0.60 mm
Lead Pitch: 0.5mm
Molding compound flammability rating: UL 94V-0
Marking: Marking Code
Packaging: Tape and Reel
2.60
2.60
CL
CL
12
0.50 BSC
0.60
(1, 2, 3)
(8, 9, 10)
Center Tab
LINE 1
LINE 2
10 Pin SLP package (Bottom Side View)
Nominal Dimensions in mm


Similar Part No. - TCLAMP3302N

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
TCLAMP3312N SEMTECH-TCLAMP3312N Datasheet
684Kb / 8P
   Low Capacitance TransClamp Surge Protection for Ethernet Interfaces
TCLAMP3312N.TCT SEMTECH-TCLAMP3312N.TCT Datasheet
684Kb / 8P
   Low Capacitance TransClamp Surge Protection for Ethernet Interfaces
More results

Similar Description - TCLAMP3302N

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
TCLAMP0602N SEMTECH-TCLAMP0602N Datasheet
181Kb / 7P
   Low Capacitance TVS for Ethernet and Telecom Interfaces
TCLAMP2502N SEMTECH-TCLAMP2502N Datasheet
192Kb / 8P
   Low Capacitance TVS for Ethernet and Telecom Interfaces
RCLAMP7512N SEMTECH-RCLAMP7512N Datasheet
176Kb / 7P
   Low Capacitance TVS for LVDS Interfaces
RCLAMP7535M SEMTECH-RCLAMP7535M Datasheet
182Kb / 8P
   Low Capacitance TVS for LVDS Interfaces
logo
ON Semiconductor
ESDR7534 ONSEMI-ESDR7534 Datasheet
76Kb / 5P
   Low Capacitance TVS for LVDS Interfaces
March, 2015 ??Rev. 3
logo
TECH PUBLIC Electronics...
RCLAMP7534F TECHPUBLIC-RCLAMP7534F Datasheet
1Mb / 4P
   Low Capacitance TVS for LVDS Interfaces
logo
Semtech Corporation
RCLAMP1224S SEMTECH-RCLAMP1224S Datasheet
158Kb / 6P
   Low Capacitance TVS for ADSL Interfaces
RCLAMP0534N SEMTECH-RCLAMP0534N Datasheet
142Kb / 7P
   Low Capacitance TVS for High-Speed Interfaces
LC03-6 SEMTECH-LC03-6_08 Datasheet
285Kb / 11P
   Low Capacitance TVS for High-Speed Data Interfaces
LC03-6 SEMTECH-LC03-6_13 Datasheet
288Kb / 11P
   Low Capacitance TVS for High-Speed Data Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com