Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNH100N04 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VNH100N04
Description  ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH100N04 Datasheet(HTML) 1 Page - STMicroelectronics

  VNH100N04 Datasheet HTML 1Page - STMicroelectronics VNH100N04 Datasheet HTML 2Page - STMicroelectronics VNH100N04 Datasheet HTML 3Page - STMicroelectronics VNH100N04 Datasheet HTML 4Page - STMicroelectronics VNH100N04 Datasheet HTML 5Page - STMicroelectronics VNH100N04 Datasheet HTML 6Page - STMicroelectronics VNH100N04 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VNH100N04
”OMNIFET”:
FULLY AUTOPROTECTED POWER MOSFET
TARGET DATA
September 1994
BLOCK DIAGRAM
TYPE
Vclamp
RDS(on)
I lim
VNH100N04
42 V
0.012
100 A
s
LINEAR CURRENT LIMITATION
s
THERMAL SHUT DOWN
s
SHORT CIRCUIT PROTECTION
s
INTEGRATED CLAMP
s
LOW CURRENT DRAWN FROM INPUT PIN
s
DIAGNOSTIC FEEDBACK THROUGH INPUT
PIN
s
ESD PROTECTION
s
DIRECT ACCESS TO THE GATE OF THE
POWER MOSFET (ANALOG DRIVING)
s
COMPATIBLE WITH STANDARD POWER
MOSFET
s
STANDARD TO-218 PACKAGE
DESCRIPTION
The VNH100N04 is a monolithic device made
using SGS-THOMSON Vertical Intelligent Power
M0 Technology, intended for replacement of
standard power MOSFETS in DC to 50 KHz
applications. Buit-in thermal shut-down, linear
current limitation and overvoltage clamp protect
the chip in harsh enviroments.
Fault feedback can be detected by monitoring the
voltage at the input pin.
TO-218
1/7


Similar Part No. - VNH100N04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNH2SP30 STMICROELECTRONICS-VNH2SP30 Datasheet
228Kb / 26P
   AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
September 2004 Rev. 1
VNH2SP30-E STMICROELECTRONICS-VNH2SP30-E Datasheet
228Kb / 26P
   AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
September 2004 Rev. 1
VNH2SP30-E STMICROELECTRONICS-VNH2SP30-E Datasheet
1Mb / 22P
   for car body applications
VNH2SP30TR-E STMICROELECTRONICS-VNH2SP30TR-E Datasheet
636Kb / 33P
   Automotive fully integrated H-bridge motor driver
VNH3ASP30-E STMICROELECTRONICS-VNH3ASP30-E Datasheet
138Kb / 18P
   AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
More results

Similar Description - VNH100N04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNB14N04 STMICROELECTRONICS-VNB14N04 Datasheet
157Kb / 14P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VNP7N04 STMICROELECTRONICS-VNP7N04 Datasheet
133Kb / 11P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VNB10N07 STMICROELECTRONICS-VNB10N07 Datasheet
159Kb / 14P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VNP10N06 STMICROELECTRONICS-VNP10N06 Datasheet
126Kb / 11P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VND7N04 STMICROELECTRONICS-VND7N04 Datasheet
146Kb / 14P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VNP14N04 STMICROELECTRONICS-VNP14N04 Datasheet
132Kb / 11P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VNP20N07 STMICROELECTRONICS-VNP20N07 Datasheet
136Kb / 11P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VNP10N07 STMICROELECTRONICS-VNP10N07 Datasheet
134Kb / 11P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VNP35N07FI STMICROELECTRONICS-VNP35N07FI Datasheet
139Kb / 13P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
VNP5N07 STMICROELECTRONICS-VNP5N07 Datasheet
132Kb / 11P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com