Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRDA12-4.TBT Datasheet(PDF) 7 Page - Semtech Corporation

Part # SRDA12-4.TBT
Description  RailClamp짰 Low Capacitance TVS Diode Array
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SRDA12-4.TBT Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SRDA12-4.TBT Datasheet HTML 3Page - Semtech Corporation SRDA12-4.TBT Datasheet HTML 4Page - Semtech Corporation SRDA12-4.TBT Datasheet HTML 5Page - Semtech Corporation SRDA12-4.TBT Datasheet HTML 6Page - Semtech Corporation SRDA12-4.TBT Datasheet HTML 7Page - Semtech Corporation SRDA12-4.TBT Datasheet HTML 8Page - Semtech Corporation SRDA12-4.TBT Datasheet HTML 9Page - Semtech Corporation SRDA12-4.TBT Datasheet HTML 10Page - Semtech Corporation SRDA12-4.TBT Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
© 2007 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
SRDA05-4 and SRDA12-4
Applications Information (continued)
the power supply connection. During an ESD event,
the current will be directed through the integrated TVS
diode to ground. The total clamping voltage seen by
the protected IC due to this path will be:
V
C
= V
F(RailClamp)
+ V
TVS
This is given in the data sheet as the rated clamping
voltage of the device. For an SRDA05-4 the typical
clamping voltage is <16V at I
PP
=30A. The diodes
internal to the RailClamp are low capacitance, fast
switching devices that are rated to handle high tran-
sient currents and maintain excellent forward voltage
characteristics.
Using the RailClamp does not negate the need for good
board layout. All other inductive paths must be consid-
ered. The connection between the positive supply and
the SRDA and from the ground plane to the SRDA
must be kept as short as possible. The path between
the SRDA and the protected line must also be mini-
mized. The protected lines should be routed directly to
the SRDA. Placement of the SRDA on the PC board is
also critical for effective ESD protection. The device
should be placed as close as possible to the input
connector. The reason for this is twofold. First,
inductance resists change in current flow. If a signifi-
cant inductance exists between the connector and the
TVS, the ESD current will be directed elsewhere (lower
resistance path) in the system. Second, the effects of
radiated emissions and transient coupling can cause
upset to other areas of the board even if there is no
direct path to the connector. By placing the TVS close
to the connector it will divert the ESD current immedi-
ately and absorb the ESD energy before it can be
coupled into nearby traces.


Similar Part No. - SRDA12-4.TBT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SRDA12-4.TBT SEMTECH-SRDA12-4.TBT Datasheet
231Kb / 11P
   Low Capacitance TVS Diode Array
More results

Similar Description - SRDA12-4.TBT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SRDA05-6 SEMTECH-SRDA05-6 Datasheet
198Kb / 9P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0582N SEMTECH-RCLAMP0582N Datasheet
179Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
SR12 SEMTECH-SR12 Datasheet
180Kb / 8P
   RailClamp짰 Low Capacitance TVS Diode Array
SRV05-4 SEMTECH-SRV05-4_08 Datasheet
291Kb / 13P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0514M SEMTECH-RCLAMP0514M Datasheet
356Kb / 11P
   RailClamp짰 Low Capacitance TVS Diode Array
SRDA12-4 SEMTECH-SRDA12-4 Datasheet
268Kb / 10P
   RailClamp짰 Low Capacitance TVS Diode Array
SR2.8 SEMTECH-SR2.8 Datasheet
177Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
SR3.3 SEMTECH-SR3.3 Datasheet
173Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
SR70 SEMTECH-SR70 Datasheet
158Kb / 6P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0503N SEMTECH-RCLAMP0503N Datasheet
148Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0504M SEMTECH-RCLAMP0504M Datasheet
201Kb / 10P
   RailClamp짰 Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com