Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U641B-MFPY Datasheet(PDF) 6 Page - ATMEL Corporation

Part # U641B-MFPY
Description  Interval and Wipe/Wash Wiper Control IC with Delay
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U641B-MFPY Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button U641B-MFPY Datasheet HTML 2Page - ATMEL Corporation U641B-MFPY Datasheet HTML 3Page - ATMEL Corporation U641B-MFPY Datasheet HTML 4Page - ATMEL Corporation U641B-MFPY Datasheet HTML 5Page - ATMEL Corporation U641B-MFPY Datasheet HTML 6Page - ATMEL Corporation U641B-MFPY Datasheet HTML 7Page - ATMEL Corporation U641B-MFPY Datasheet HTML 8Page - ATMEL Corporation U641B-MFPY Datasheet HTML 9Page - ATMEL Corporation U641B-MFPY Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
4773C–AUTO–10/07
U641B
5.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameters
Pin
Symbol
Value
Unit
Supply voltage t = 60s, terminal 15
8
V
Batt
28
V
Supply current
t = 2 ms
t = 200 ms
8I
8
I8
1.5
150
A
mA
Relay control output current (DC)
t = 200 ms
7
I7
I
7
200
1.2
mA
A
Pulse Current (Control Inputs) t = 200 ms
Park switch, S
1
Wipe/Wash switch, S
3
Interval switch, S2
6
5
2
I
6
I
5
I2
50
50
50
mA
Power dissipation Tamb = 90°C
Ptot
500
mW
Storage temperature range
Tstg
–55 to +125
°C
Ambient temperature range
Tamb
–40 to +85
°C
6.
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
DIP8
R
thJA
120
K/W
SO8
R
thJA
160
K/W


Similar Part No. - U641B-MFPY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U641B-MFPY ATMEL-U641B-MFPY Datasheet
197Kb / 12P
   Interval and Wipe/Wash Wiper Control IC with Delay
More results

Similar Description - U641B-MFPY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U641B ATMEL-U641B_05 Datasheet
197Kb / 12P
   Interval and Wipe/Wash Wiper Control IC with Delay
U641B ATMEL-U641B Datasheet
167Kb / 10P
   INTERVAL AND WIPE/WASH WIPER CONTROL IC WITH DELAY
logo
Unisonic Technologies
UU642 UTC-UU642_15 Datasheet
221Kb / 6P
   INTERVAL AND WIPE/WASH WIPER CONTROL IC
logo
IK Semicon Co., Ltd
IK642BN IKSEMICON-IK642BN Datasheet
417Kb / 11P
   INTERVAL- and WIPE/WASH WIPER CONTROL IC
logo
ATMEL Corporation
U642B ATMEL-U642B_05 Datasheet
195Kb / 12P
   Interval- and Wipe/ Wash Wiper Control IC
logo
Unisonic Technologies
UU642 UTC-UU642 Datasheet
164Kb / 5P
   INTERVAL AND WIPE/WASH WIPER CONTROL IC
logo
ATMEL Corporation
U642B ATMEL-U642B_07 Datasheet
241Kb / 12P
   Interval and Wipe/Wash Wiper Control IC
U642B ATMEL-U642B Datasheet
53Kb / 7P
   Interval- and Wipe/ Wash Wiper Control IC
logo
TEMIC Semiconductors
U690B TEMIC-U690B Datasheet
102Kb / 9P
   Rear Wiper Interval/Wipe-Wash Control
logo
ATMEL Corporation
U2640B ATMEL-U2640B Datasheet
85Kb / 10P
   Intemittent- and Wipe/ Wash Control for Wiper Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com